Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9214-V Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9214-V
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9214-V Datasheet(HTML) 5 Page - California Eastern Labs

  PS9214-V Datasheet HTML 1Page - California Eastern Labs PS9214-V Datasheet HTML 2Page - California Eastern Labs PS9214-V Datasheet HTML 3Page - California Eastern Labs PS9214-V Datasheet HTML 4Page - California Eastern Labs PS9214-V Datasheet HTML 5Page - California Eastern Labs PS9214-V Datasheet HTML 6Page - California Eastern Labs PS9214-V Datasheet HTML 7Page - California Eastern Labs PS9214-V Datasheet HTML 8Page - California Eastern Labs PS9214-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet PN10536EJ04V0DS
5
PS9214
ELECTRICAL CHARACTERISTICS (TA = 40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25 C
1.4
1.65
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25 C
10
A
Terminal Capacitance
Ct
VF = 0 V, f = 1 MHz, TA = 25 C
30
pF
Detector
High Level Output Current
IOH
VCC = VO = 5.5 V, VF = 0.8 V
0.02
250
A
Low Level Output Voltage
*2
VOL
VCC = 5.5 V, IF = 5 mA, IOL = 13 mA
0.15
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA, VO = open
3
8
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA, VO = open
7
11
mA
Coupled
Threshold Input Current
(H
L)
IFHL
VCC = 5 V, VO = 0.8 V, RL = 350
2
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25 C
10
11
Isolation Capacitance
CI-O
VI-O = 0 V, f = 1 MHz, TA = 25 C
0.6
pF
Propagation Delay Time
(H
L)
*3
tPHL
TA = 25 C
54
75
ns
VCC = 5 V, RL = 350
, IF = 7.5 mA
100
Propagation Delay Time
tPLH
TA = 25 C
51
75
ns
(L
H)
*3
VCC = 5 V, RL = 350
, IF = 7.5 mA
100
Rise Time
tr
VCC = 5 V, RL = 350
, IF = 7.5 mA
20
Fall Time
tf
VCC = 5 V, RL = 350
, IF = 7.5 mA
10
Pulse Width Distortion
tPHL tPLH
VCC = 5 V, RL = 350
, IF = 7.5 mA
3
50
ns
(PWD)
*3
Propagation Delay Skew
tPSK
VCC = 5 V, RL = 350
, IF = 7.5 mA
60
Common Mode
Transient Immunity at High
Level Output
*4
CMH
RL = 350
, TA = 25 C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 1 kV
10
20
kV/ s
Common Mode
Transient Immunity at Low
Level Output
*4
CML
RL = 350
, TA = 25 C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 1 kV
10
20
kV/ s


Similar Part No. - PS9214-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9214-V CEL-PS9214-V Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214-V-A CEL-PS9214-V-A Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214-V-F3 CEL-PS9214-V-F3 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214-V-F3-A CEL-PS9214-V-F3-A Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9214-V-F4 CEL-PS9214-V-F4 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
More results

Similar Description - PS9214-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9214 CEL-PS9214 Datasheet
408Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
logo
Renesas Technology Corp
PS9214 RENESAS-PS9214 Datasheet
308Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
April 1st, 2010
PS9213 RENESAS-PS9213_15 Datasheet
281Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 5.5 mm
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9587 NEC-PS9587 Datasheet
186Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
California Eastern Labs
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com