Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9121-F4 Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9121-F4
Description  The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121-F4 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9121-F4 Datasheet HTML 7Page - California Eastern Labs PS9121-F4 Datasheet HTML 8Page - California Eastern Labs PS9121-F4 Datasheet HTML 9Page - California Eastern Labs PS9121-F4 Datasheet HTML 10Page - California Eastern Labs PS9121-F4 Datasheet HTML 11Page - California Eastern Labs PS9121-F4 Datasheet HTML 12Page - California Eastern Labs PS9121-F4 Datasheet HTML 13Page - California Eastern Labs PS9121-F4 Datasheet HTML 14Page - California Eastern Labs PS9121-F4 Datasheet HTML 15Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PS9121
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature)
350
°C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(b) Please be sure that the temperature of the package would not be heated over 100
°C
Data Sheet PN10502EJ05V0DS
11


Similar Part No. - PS9121-F4

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9121-F4 CALMIRCO-PS9121-F4 Datasheet
2Mb / 7P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9121-F4 RENESAS-PS9121-F4 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121-F4 RENESAS-PS9121-F4 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
More results

Similar Description - PS9121-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
6N135 ETC-6N135 Datasheet
62Kb / 4P
   HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com