Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2082CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2082CS
Description  Current-Mode Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2082CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2082CS Datasheet HTML 6Page - Elantec Semiconductor EL2082CS Datasheet HTML 7Page - Elantec Semiconductor EL2082CS Datasheet HTML 8Page - Elantec Semiconductor EL2082CS Datasheet HTML 9Page - Elantec Semiconductor EL2082CS Datasheet HTML 10Page - Elantec Semiconductor EL2082CS Datasheet HTML 11Page - Elantec Semiconductor EL2082CS Datasheet HTML 12Page - Elantec Semiconductor EL2082CS Datasheet HTML 13Page - Elantec Semiconductor EL2082CS Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL2082C
Current-Mode Multiplier
Applications Information
Contd
Current-feedback op-amps again solve the summing-junction capacitance problem in this connection
The loop bandwidth here becomes a matter of transimpedance over frequency and its phase characteris-
tics Unfortunately this is generally poorly documented in amplifier data sheets A rule of thumb is
that the transimpedance falls to the value of the recommended feedback resistor at a frequency of
Fb3dB 4 to Fb3dB 2 where F b3dB is the unity-gain closed-loop bandwidth of the amplifier The
phase margin of the op-amp is usually close to 90 degrees at this frequency
In general Rf is initially the recommended value for the particular amplifier and is then empirically
adjusted for amplifier stability at maximum VGAIN then RIN is set for the overall circuit gain re-
quired Sometimes a very small Cf can be used to improve loop stability but it often must be in series
with another resistor of value around Rf2
A virtue of placing the EL2082 in feedback is that the input-referred noise will drop as gain increases
This is ideal for level controls that are used to set the output to a constant level for a variety of inputs
as well as AGC loops Furthermore the EL2082 has a relatively constant input signal amplitude for a
variety of input levels and its distortion will be relatively constant and controllable by setting Rf Note
that placing the EL2082 in the feedback path causes the circuit bandwidth to vary inversely with gain
The next circuit shows use of the EL2082 in the feedback path of a non-inverting op-amp
Gain e
1V
Vg
RFa95X
Rg
J
EL2082 in feedback
non-inverting gain
2082 – 16
This example has the same virtues with regards to noise and distortion as the preceding circuit and its
bandwidth shrinks with increasing gain as well The typical 12 pF sum of EL2082 output capacitance in
parallel with stray capacitance necessitates the inclusion of Cf to prevent a feedback pole Because of
this 12 pF capacitance at the op-amp -input current-feedback op-amps will generally not be useable As
before the loop bandwidth and phase margin must accommodate the extra phase lag of the EL2082
10


Similar Part No. - EL2082CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2082CS INTERSIL-EL2082CS Datasheet
263Kb / 14P
   Current Mode Multiplier
More results

Similar Description - EL2082CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2082 INTERSIL-EL2082 Datasheet
263Kb / 14P
   Current Mode Multiplier
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
   Current Mode Four Quadrant Multiplier
logo
Elantec Semiconductor
EL4083C ELANTEC-EL4083C Datasheet
283Kb / 16P
   Current Mode Four Quadrant Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
VTM48EF020T080A00 VICOR-VTM48EF020T080A00 Datasheet
1Mb / 18P
   Current Multiplier
VTM48EH020X040A00 VICOR-VTM48EH020X040A00 Datasheet
1Mb / 16P
   Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com