Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR525 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR525
Description  High Precision Shunt Mode Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR525 Datasheet(HTML) 5 Page - Analog Devices

  ADR525 Datasheet HTML 1Page - Analog Devices ADR525 Datasheet HTML 2Page - Analog Devices ADR525 Datasheet HTML 3Page - Analog Devices ADR525 Datasheet HTML 4Page - Analog Devices ADR525 Datasheet HTML 5Page - Analog Devices ADR525 Datasheet HTML 6Page - Analog Devices ADR525 Datasheet HTML 7Page - Analog Devices ADR525 Datasheet HTML 8Page - Analog Devices ADR525 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADR525/ADR530/ADR550
Rev. F | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Ratings apply at 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
Reverse Current
25 mA
Forward Current
20 mA
Storage Temperature Range
−65°C to +150°C
Industrial Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6.
Package Type
θJA1
θJC
Unit
3-Lead SC70 (KS)
580.5
177.4
°C/W
3-Lead SOT-23-3 (RT)
270
102
°C/W
1 θJA is specified for worst-case conditions, such as for devices soldered on
circuit boards for surface-mount packages.
ESD CAUTION


Similar Part No. - ADR525

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR525 AD-ADR525 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR525A AD-ADR525A Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525ART-R2 AD-ADR525ART-R2 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR525ART-R2 AD-ADR525ART-R2 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525ART-REEL7 AD-ADR525ART-REEL7 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
More results

Similar Description - ADR525

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com