Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9114 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9114
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9114 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9114 Datasheet HTML 1Page - California Eastern Labs PS9114 Datasheet HTML 2Page - California Eastern Labs PS9114 Datasheet HTML 3Page - California Eastern Labs PS9114 Datasheet HTML 4Page - California Eastern Labs PS9114 Datasheet HTML 5Page - California Eastern Labs PS9114 Datasheet HTML 6Page - California Eastern Labs PS9114 Datasheet HTML 7Page - California Eastern Labs PS9114 Datasheet HTML 8Page - California Eastern Labs PS9114 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PHOTOCOUPLER
PS9114
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
5-PIN SOP PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS9114 is an optically coupled high-speed, isolator containing a GaAlAs LED on the input side and a
photodiode and a signal processing circuit on the output side on one chip.
The PS9114 is specified high CMR, high CTR and pulse width distortion with operating temperature.
FEATURES
PIN CONNECTION
(Top View)
53
4
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
12
• High common mode transient immunity (CMH, CML =
±20 kV/
µs TYP.)
• Small package (5-pin SOP)
• Pulse width distortion (
⏐tPHL − tPLH⏐ = 3 ns TYP.)
• High-speed (10 Mbps)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Open collector output
• Ordering number of taping product: PS9114-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No. 40008902 (Option)
TRUTH TABLE
LED
Output
ON
L
OFF
H
APPLICATIONS
• Measurement equipment
• PDP
• FA Network
Document No. PN10266EJ03V0DS (3rd edition)
Date Published August 2005 CP(K)
The mark
shows major revised points.


Similar Part No. - PS9114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9114-F3 ETC-PS9114-F3 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9114-F4 ETC-PS9114-F4 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Micro Device...
PS9121 CALMIRCO-PS9121 Datasheet
2Mb / 7P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP 3.3V HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
logo
List of Unclassifed Man...
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com