Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2090CM Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2090CM
Description  100 MHz DC-Restored Video Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2090CM Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2090CM Datasheet HTML 4Page - Elantec Semiconductor EL2090CM Datasheet HTML 5Page - Elantec Semiconductor EL2090CM Datasheet HTML 6Page - Elantec Semiconductor EL2090CM Datasheet HTML 7Page - Elantec Semiconductor EL2090CM Datasheet HTML 8Page - Elantec Semiconductor EL2090CM Datasheet HTML 9Page - Elantec Semiconductor EL2090CM Datasheet HTML 10Page - Elantec Semiconductor EL2090CM Datasheet HTML 11Page - Elantec Semiconductor EL2090CM Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EL2090C
100 MHz DC-Restored Video Amplifier
Applications Information
Contd
a saturation voltage we prevent this node from
approaching the positive rail
The maximum
voltage is set by the resistive voltage divider (be-
tween Va and GND) R1 and R2 plus a diode
This value can be adjusted if the maximum size
of the input signal is known The diode used is an
off-the-shelf 1N914 or 1N916
As is true of all 100 MHz amplifiers good by-
passing of the supplies to ground is mandatory
1
mF tantalums are sufficient and 001 mF leaded
chip capacitors in parallel with medium value
electrolytics are also good Leads longer than
can induce a characteristic 150 MHz resonance
and ringing
The VINb of the video amplifier should have the
absolute minimum of parasitic capacitance Stray
capacitance of more than 3 pF will cause peaking
and compromise the gain flatness The band-
width of the amplifier is fundamentally set by
the value of Rf As demonstrated by the frequen-
cy response versus gain graph the peaking and
bandwidth is a weak function of gain
The
EL2090 was designed for Rf e 300
X giving opti-
mum gain flatness at Av ea2 Unity-gain re-
sponse is flattest for Rf e 360
X gains of a5 can
use Rf e 270
X In situations where the peaking
is accentuated by load capacitance or binput ca-
pacitance the value of Rf will have to be in-
creased and some bandwidth will be sacrificed
The VINa of the video amplifier should not look
into an inductive source impedance If the source
is physically remote and a terminated input line
is not provided it may be necessary to connect
an input ‘‘snubber’’ to ground A snubber is a re-
sistor in series with a capacitor which de-Q’s the
input resonance Typical values are 100
X and
30 pF
The output of the video amplifier is sensitive to
capacitive loads greater than 25 pF and a snub-
ber to ground or a resistor in series with the out-
put is useful to isolate reactive loads
9


Similar Part No. - EL2090CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2090CM INTERSIL-EL2090CM Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
More results

Similar Description - EL2090CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
   300 MHz DC-Restored Video Amplifier
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
   DC-Restored Video Amplifier
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com