Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8602 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS8602
Description  HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8602 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS8602 Datasheet HTML 3Page - California Eastern Labs PS8602 Datasheet HTML 4Page - California Eastern Labs PS8602 Datasheet HTML 5Page - California Eastern Labs PS8602 Datasheet HTML 6Page - California Eastern Labs PS8602 Datasheet HTML 7Page - California Eastern Labs PS8602 Datasheet HTML 8Page - California Eastern Labs PS8602 Datasheet HTML 9Page - California Eastern Labs PS8602 Datasheet HTML 10Page - California Eastern Labs PS8602 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PS8602,PS8602L
*1 Typical values at TA = 25
°C
*2 Test circuit for propagation delay time
18
27
36
45
IF
51
VCC = 5 V
(Monitor)
VO
RL
CL = 15 pF
CL includes probe and stray wiring capacitance
0.1
F
µ
Pulse Input
IF Monitor
PW = 100 s
Duty Cycle = 1/10
µ
(
)
Input
Output
50 %
1.5 V
5 V
VOL
tPHL
tPLH
*3 Test circuit for common mode transient immunity
VCM
400 V
10 %
90 %
10 %
90 %
0 V
5 V
2 V
tr
tf
VO
VO
(IF = 0 mA)
(IF = 16 mA)
0.8 V
VOL
VCM
18
27
36
45
IF
VCC = 5 V
(Monitor)
VO
RL
CL = 15 pF
0.1
F
µ
CL includes probe and stray wiring capacitance
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
µF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10263EJ01V0DS
7


Similar Part No. - PS8602

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
NEC
PS8602-V NEC-PS8602-V Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8602L NEC-PS8602L Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602L RENESAS-PS8602L Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results

Similar Description - PS8602

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
NEC
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9614 RENESAS-PS9614 Datasheet
274Kb / 16P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
PS9617 RENESAS-PS9617 Datasheet
264Kb / 15P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
List of Unclassifed Man...
PS9617 ETC1-PS9617 Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9617 CEL-PS9617 Datasheet
399Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com