Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7802-1A-F3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7802-1A-F3
Description  4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7802-1A-F3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS7802-1A-F3 Datasheet HTML 1Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 2Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 3Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 4Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 5Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 6Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 7Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 8Page - California Eastern Labs PS7802-1A-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
The PS7802-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side
(input side) and MOS FETs on the output side.
An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 50%
compared with the PS72xx series.
It is suitable for high-frequency signal control, due to its low C
× R, low output capacitance, and low off-state
leakage current.
FEATURES
• Ultra small flat-lead package (4.2 (L)
× 2.5 (W) × 1.85 (H) mm)
• Low C
× R (C × R = 12.6 pF • Ω)
• Low on-state resistance (Ron = 1.1
Ω TYP.)
• High pass characteristics (ERT = 45 ps TYP.)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Ordering number of taping product: PS7802-1A-F3, F4: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
APPLICATIONS
• Measurement equipment
2003, 2006
<R>
<R>
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
4-PIN ULTRA SMALL FLAT-LEAD,
LOW OUTPUT CAPACITANCE
1-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7802-1A
Document No. PN10270EJ03V0DS (3rd edition)
Date Published September 2006 NS CP(K)
−NEPOC Series−


Similar Part No. - PS7802-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802-1A-F3 NEC-PS7802-1A-F3 Datasheet
168Kb / 7P
   NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7802-1A-F3 NEC-PS7802-1A-F3 Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7802-1A-F3-A NEC-PS7802-1A-F3-A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7802-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801K-1A NEC-PS7801K-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801K-1A RENESAS-PS7801K-1A Datasheet
248Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7801K-1A CEL-PS7801K-1A Datasheet
184Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A Datasheet
121Kb / 9P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801D-1A CEL-PS7801D-1A Datasheet
201Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A CEL-PS7801F-1A Datasheet
204Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com