Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH5551A2NA1-E4 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PH5551A2NA1-E4
Description  Ambient Illuminance Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PH5551A2NA1-E4 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PH5551A2NA1-E4 Datasheet HTML 2Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 3Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 4Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 5Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 6Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 7Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 8Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 9Page - California Eastern Labs PH5551A2NA1-E4 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PH5551A2NA1-E4
Chapter Title
R08DS0037EJ0100 Rev.1.00
Page 6 of 10
Aug 03, 2011
2. Register Map
The register map is specified after the instruction code.
(1) Control Register
(a) Register Address: 000
0
0
0
0
0
0
0
0
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SWRST
INTCLR
INT_COND
RSLTN
INT_EN
*2
PWR
*1
Notes: *1 There are two PWR bits, one in the instruction code and one in the control register. When one bit changes,
the other bit also changes at the same time.
*2
There are two INT_EN bits in the control register. When one bit changes, the other bit also changes at the
same time.
SWRST
: Register reset (Initial values are restored by setting this bit to 1.)
INTCLR
: Interrupt source clear (1: Clear interrupt source)
INT_COND
: Interrupt result
(00: No comparison with threshold value; 01: Measured lux is lower than lower-limit threshold value;
11: Measured lux is higher than upper-limit threshold value.)
RSLTN
: Resolution selection (1 lx/16 lx) (0: 1 lx resolution; 1: 16 lx resolution)
INT_EN
: Interrupt enable/disable (1: Enable interrupts)
PWR
: Power on/Power down (1: Power on)
(b) Register Address: 001
0
0
0
0
0
0
0
0
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Lower interrupt generation threshold when interrupts are enabled - Lower 8 bits
(c) Register Address: 010
0
0
0
0
0
0
0
0
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Lower interrupt generation threshold when interrupts are enabled - Higher 8 bits
(d) Register Address: 011
0
0
0
0
0
0
0
0
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Upper interrupt generation threshold when interrupts are enabled - Lower 8 bits
(e) Register Address: 100
0
0
0
0
0
0
0
0
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Upper interrupt generation threshold when interrupts are enabled - Higher 8 bits


Similar Part No. - PH5551A2NA1-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PH5551A2NA1-E4 RENESAS-PH5551A2NA1-E4 Datasheet
232Kb / 12P
   Ambient Illuminance Sensor
PH5551A2NA1-E4 RENESAS-PH5551A2NA1-E4_15 Datasheet
308Kb / 12P
   Ambient Illuminance Sensor
More results

Similar Description - PH5551A2NA1-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PH5502B2NA1-E4 CEL-PH5502B2NA1-E4 Datasheet
1Mb / 12P
   Ambient Illuminance Sensor
logo
Renesas Technology Corp
PH5503A2NA1 RENESAS-PH5503A2NA1_15 Datasheet
350Kb / 13P
   Ambient Illuminance Sensor
logo
California Eastern Labs
PH5503A2NA1 CEL-PH5503A2NA1 Datasheet
1Mb / 13P
   Ambient Illuminance Sensor
logo
Renesas Technology Corp
PH5502B2NA1-E4 RENESAS-PH5502B2NA1-E4 Datasheet
263Kb / 12P
   Ambient Illuminance Sensor
PH5551A2NA1-E4 RENESAS-PH5551A2NA1-E4_15 Datasheet
308Kb / 12P
   Ambient Illuminance Sensor
PH5551A2NA1-E4 RENESAS-PH5551A2NA1-E4 Datasheet
232Kb / 12P
   Ambient Illuminance Sensor
PH5503A2NA1 RENESAS-PH5503A2NA1 Datasheet
270Kb / 13P
   Ambient Illuminance Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com