Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2160C-1 Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2160C-1
Description  130 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2160C-1 Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2160C-1 Datasheet HTML 4Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 5Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 6Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 7Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 8Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 9Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 10Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 11Page - Elantec Semiconductor EL2160C-1 Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL2160C
130 MHz Current Feedback Amplifier
Typical Performance Curves
Contd
(4 Samples)
vs Die Temperature
Offset Voltage
vs Die Temperature
Supply Current
vs Supply Voltage
Supply Current
vs Die Temperature
a
Input Resistance
vs Die Temperature
Input Current
vs Input Voltage
a
Input Bias Current
vs Die Temperature
Output Voltage Swing
vs Die Temperature
Short Circuit Current
vs Die Temperature
PSRR
CMRR
2060 – 5
8


Similar Part No. - EL2160C-1

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
EL2160CM ELANTEC-EL2160CM Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CM INTERSIL-EL2160CM Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160CM-T13 ELANTEC-EL2160CM-T13 Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CM-T13 INTERSIL-EL2160CM-T13 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
More results

Similar Description - EL2160C-1

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com