Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2160CN Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2160CN
Description  130 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2160CN Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2160CN Datasheet HTML 3Page - Elantec Semiconductor EL2160CN Datasheet HTML 4Page - Elantec Semiconductor EL2160CN Datasheet HTML 5Page - Elantec Semiconductor EL2160CN Datasheet HTML 6Page - Elantec Semiconductor EL2160CN Datasheet HTML 7Page - Elantec Semiconductor EL2160CN Datasheet HTML 8Page - Elantec Semiconductor EL2160CN Datasheet HTML 9Page - Elantec Semiconductor EL2160CN Datasheet HTML 10Page - Elantec Semiconductor EL2160CN Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EL2160C
130 MHz Current Feedback Amplifier
Typical Performance Curves
Contd
for Various CL
Frequency Response
for Various CINb
Frequency Response
vs Frequency
PSRR and CMRR
Distortion vs Frequency
2nd and 3rd Harmonic
vs Frequency
Transimpedance (ROL)
vs Frequency
Voltage and Current Noise
Impedance vs Frequency
Closed-Loop Output
vs Die Temperature
Transimpedance (ROL)
2060 – 4
7


Similar Part No. - EL2160CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160CN ELANTEC-EL2160CN Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CN INTERSIL-EL2160CN Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
More results

Similar Description - EL2160CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com