Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2513L-1-V-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2513L-1-V-A
Description  HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2513L-1-V-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2513L-1-V-A Datasheet HTML 3Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 4Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 5Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 6Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 7Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 8Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 9Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 10Page - California Eastern Labs PS2513L-1-V-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PS2513-1,PS2513L-1
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
Normalized to 1.0
at TA = 25˚C,
IF = 5 mA, VCE = 5 V
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;
100
10
1
0.1
10 k
5 k
1 k
500
100
50
10
IC = 2 mA,
VCC = 10 V,
CTR = 130%
IF = 5 mA,
VCC = 5 V,
CTR = 130%
1 000
100
10
1
100 k
50 k
10 k
5 k
1 k
Forward Current IF (mA)
Ambient Temperature TA (˚C)
Load Resistance RL (
Ω)
Ambient Temperature TA (˚C)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
TURN-ON TIME vs.
AMBIENT TEMPERATURE
tr
tf
td
ts
Ambient Temperature TA (˚C)
TURN-OFF TIME vs.
AMBIENT TEMPERATURE
tf
ts
tr
td
250
200
150
100
50
0
0.1
0.5
1
5
10
50
VCC = 5 V,
n = 3
Sample A
B
C
IF = 5 mA,
VCC = 5 V,
RL = 1.9 k
Ω,
CTR = 150%
IF = 5 mA,
VCC = 5 V,
RL = 1.9 k
Ω,
CTR = 150%
10
8
6
4
2
0
–50
–25
0
25
50
75
100
100
80
60
40
20
0
–50
–25
0
25
50
75
100
Remark The graphs indicate nominal characteristics.
Data Sheet PN10163EJ03V0DS
7


Similar Part No. - PS2513L-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2513L-1-V-F3 RENESAS-PS2513L-1-V-F3 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513L-1-V-F3 RENESAS-PS2513L-1-V-F3 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results

Similar Description - PS2513L-1-V-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com