Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2157CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2157CS
Description  125 MHz Single Supply, Clamping Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2157CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2157CS Datasheet HTML 5Page - Elantec Semiconductor EL2157CS Datasheet HTML 6Page - Elantec Semiconductor EL2157CS Datasheet HTML 7Page - Elantec Semiconductor EL2157CS Datasheet HTML 8Page - Elantec Semiconductor EL2157CS Datasheet HTML 9Page - Elantec Semiconductor EL2157CS Datasheet HTML 10Page - Elantec Semiconductor EL2157CS Datasheet HTML 11Page - Elantec Semiconductor EL2157CS Datasheet HTML 12Page - Elantec Semiconductor EL2157CS Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
EL2150CEL2157C
125 MHz Single Supply Clamping Op Amps
Typical Performance Curves
Contd
Supply Current vs
Supply Voltage
Die Temperature
Supply Current vs
Die Temperature
Input Resistance vs
Die Temperature (4 Samples)
Offset Voltage vs
vs Input Voltage
Input Bias Current
vs Die Temperature
and Input Bias Current
Input Offset Current
RL e 150X to GND
Swing vs Die Temperature
Positive Output Voltage
RL e 150X to GND
Swing vs Die Temperature
Negative Output Voltage
vs Die Temperature
Clamp Accuracy
2150 – 78
9


Similar Part No. - EL2157CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2157CS INTERSIL-EL2157CS Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2157CS-T13 INTERSIL-EL2157CS-T13 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2157CS-T7 INTERSIL-EL2157CS-T7 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2157CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com