Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-PRF-39014 Datasheet(PDF) 8 Page - AVX Corporation

Part # MIL-PRF-39014
Description  MIL-PRF-39014/Radial Leads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MIL-PRF-39014 Datasheet(HTML) 8 Page - AVX Corporation

Back Button MIL-PRF-39014 Datasheet HTML 4Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 5Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 6Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 7Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 8Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 9Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 10Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 11Page - AVX Corporation MIL-PRF-39014 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
58
MIL-PRF-39014/Axial Leads
Military
Failure Rate Level (%/1,000 Hours)
Capacitance
Type
Capacitance
Tolerance
Designation
1.0 (M)
0.1 (P)
0.01 (R)
0.001 (S)
(pF)
±Percent
WVDC
CKR15 (BR)
CKR15BR124K_
2712
2912
2112
2312
120,000
10
100
CKR15BR154K_
2713
2913
2113
2313
150,000
10
100
CKR15BR154M_
2714
2914
2114
2314
150,000
20
100
CKR15BR184K_
2715
2915
2115
2315
180,000
10
100
CKR15BR224K_
2716
2916
2116
2316
220,000
10
100
CKR15BR224M_
2717
2917
2117
2317
220,000
20
100
CKR15BR274K_
2718
2918
2118
2318
270,000
10
100
CKR15BR334K_
2719
2919
2119
2319
330,000
10
100
CKR15BR334M_
2720
2920
2120
2320
330,000
20
100
CKR15BR474K_
2721
2921
2121
2321
470,000
10
50
CKR15BR474M_
2722
2922
2122
2322
470,000
20
50
CKR15BR684K_
2723
2923
2123
2323
680,000
10
50
CKR15BR684M_
2724
2924
2124
2324
680,000
20
50
CKR15BR105K_
2725
2925
2125
2325
1,000,000
10
50
CKR15BR105M_
2726
2926
2126
2326
1,000,000
20
50
CKR16 (BR)
CKR16BR474K_
2727
2927
2127
2327
470,000
10
100
CKR16BR474M_
2728
2928
2128
2328
470,000
20
100
CKR16BR684K_
2729
2929
2129
2329
680,000
10
100
CKR16BR684M_
2730
2930
2130
2330
680,000
20
100
CKR16BR105K_
2731
2931
2131
2331
1,000,000
10
100
CKR16BR105M_
2732
2932
2132
2332
1,000,000
20
100
CKR16BR225K_
2733
2933
2133
2333
2,200,000
10
50
CKR16BR225M_
2734
2934
2134
2334
2,200,000
20
50
CKR16BR335K_
2735
2935
2135
2335
3,300,000
10
50
CKR16BR335M_
2736
2936
2136
2336
3,300,000
20
50
Add appropriate failure rate level letter (M, P, R or S)
MARKING
J for JAN, A for AVX
Capacitance Value (3 digit code)
K for Cap. Tol. code (K
±10%, M±20%)
S for failure rate, 2 digit year
2 digit week, 2 digit Lot Code
J A
100
KS08
10AA
CKR11
CKR12
2257J
0810AA
04222
Style
Military Slash/Dash Number "J" or "JA"
4 digit Date Code, 2 digit Lot Code
AVX FSCM
CKR12
M39014
5-2291
AVX
0810AA
J50V
104K
Abb. Military Part Number
Military Slash/Dash Number
Mfg. I.D. Symbol
4 digit Date Code, 2 digit Lot Code
"J" Brand Symbol, Voltage
Capacitance Value (3 digit code)
and Cap. Tolerance
CKR14, 15, 16
CROSS REFERENCE CHART - AVX MILITARY FOR MOLDED AXIAL LEAD
Per Mil-Spec
Case Size
AVX
Lead
Style
MIL-C-11015
MIL-PRF-39014
MIL-PRF-20
Length (L)
Diameter (D)
Diameter (L.D.)
MA10
CK12
CKR11
CCR75/CC75
4.07 ±.25
2.29±.25
.48±.05
(.160±.010)
(.090±.010)
(.019±.002)
MA20
CK13
CKR12
CCR76/CC76
6.35 ±.25
2.29±.25
.48±.05
(.250 ±.010)
(.090±.010)
(.019±.002)
MA30
6.10 ±.25
3.30±.25
.48±.05
(.240±.010)
(.130±.010)
(.019±.002)
MA40
CK14
CKR14
CCR77/CC77
9.91±.25
3.56±.25)
.63±.05
(.390±.010)
(.140±.010)
(.025±.002)
MA50
CK15
CKR15
CCR78/CC78
12.7±.51
6.35±.38
.63±.05
(.500±.020)
(.250±.015)
(.025±.002)
MA60
CK16
CKR16
CCR79/CC79
17.53±.51
8.89±.51
.63±.05
(.690±.020)
(.350±.015)
(.025±.002)
Dimensions: Millimeters (Inches)
MILITARY DASH NUMBER IDENTIFICATION CKR15/16 TO MIL-PRF-39014/05
(Dash Number From Table)


Similar Part No. - MIL-PRF-39014

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Rosenberger Hochfrequen...
MIL-PRF-39012 ROSENBERGER-MIL-PRF-39012 Datasheet
40Kb / 2P
   Adaptor 1.6/5.6 III JACK ??BNC 75 ??JACK
More results

Similar Description - MIL-PRF-39014

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR05BX103KRV AVX-CKR05BX103KRV Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
M39014-22-0776 AVX-M39014-22-0776 Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
CCR06CG103FRV AVX-CCR06CG103FRV Datasheet
161Kb / 6P
   MIL-PRF-20/Radial Leads
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com