Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN3925A105K-V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FCN3925A105K-V
Description  Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCN3925A105K-V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FCN3925A105K-V Datasheet HTML 1Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 2Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 3Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 4Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 5Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 6Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 7Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 8Page - List of Unclassifed Manufacturers FCN3925A105K-V Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type FCN Surface Mount Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.012 (±0.3)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.056
FCN1913H563J-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.068
FCN1913H683J-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.082
FCN1913H823J-E4
0.189
(4.8)
0.130
(3.3)
0.094
(2.4)
0.10
FCN1913H104J-E3
0.189
(4.8)
0.130
(3.3)
0.110
(2.8)
0.12
FCN2416H124J-D1
0.236
(6.0)
0.161
(4.1)
0.071
(1.8)
0.15
FCN2416H154J-D2
0.236
(6.0)
0.161
(4.1)
0.079
(2.0)
0.18
FCN2416H184J-D3
0.236
(6.0)
0.161
(4.1)
0.094
(2.4)
0.22
FCN2416H224J-D4
0.236
(6.0)
0.161
(4.1)
0.110
(2.8)
Rated Voltage:
50 Vdc (40 Vac) Operating Temperature Range:
-55 to +105°C
Capacitance Range:
0.056 to 0.22 µF Dielectric Withstand Voltage:
87.5 Vdc for 5 seconds
Capacitance Tolerance:
± 5% (J)
Insulation Resistance (20°C, 50 Vdc, 60 Seconds);
D.F. (20°C, 1 kHz):
≤ 1%
I.R. ≥ 3000 MegΩ
Max. capacitor surface temperature: 240°C
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.008 (±0.2)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.001
FCN1206A102J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0012
FCN1206A122J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0015
FCN1206A152J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0018
FCN1206A182J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0022
FCN1206A222J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0027
FCN1206A272J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0033
FCN1206A332J-H3
0.126
(3.2)
0.063
(1.6)
0.059
(1.5)
0.0039
FCN1206A392J-H3
0.126
(3.2)
0.063
(1.6)
0.059
(1.5)
0.0047
FCN1206A472J-H3
0.126
(3.2)
0.063
(1.6)
0.059
(1.5)
0.0056
FCN1210A562J-G2
0.126
(3.2)
0.098
(2.5)
0.059
(1.5)
0.0068
FCN1210A682J-G2
0.126
(3.2)
0.098
(2.5)
0.059
(1.5)
0.0082
FCN1210A822J-G3
0.126
(3.2)
0.098
(2.5)
0.083
(2.1)
0.01
FCN1210A103J-G3
0.126
(3.2)
0.098
(2.5)
0.083
(2.1)
Rated Voltage:
100 Vdc (63 Vac)
Operating Temperature Range:
-55 to +105°C
Capacitance Range:
0.001 to 0.010 µF
Dielectric Withstand Voltage:
175 Vdc for 5 seconds
Capacitance Tolerance:
± 5% (J)
Insulation Resistance (20°C, 100 Vdc, 60 Seconds);
D.F. (20°C, 1 kHz):
≤ 1%
I.R. ≥ 3000 MegΩ
Max. capacitor surface temperature: 240°C
OBSOLETE


Similar Part No. - FCN3925A105K-V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCN3925A105K-V CDE-FCN3925A105K-V Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCN3925A105K-V CDE-FCN3925A105K-V Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Similar Description - FCN3925A105K-V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
FCP CDE-FCP Datasheet
291Kb / 8P
   Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com