Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCHS1901424BK1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RCHS1901424BK1
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RCHS1901424BK1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RCHS1901424BK1 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO. RCHS1901424
FRONT VIEW
TOP VIEW
BOTTOM VIEW
R.S. VIEW
L.S. VIEW
TOP PANEL REMOVED
Shipped knockdown for handling ease & protection.
NOTES
Item Number
Title
Quantity
1
RCHS - TOP PANEL
1
2
RCHS K.D. - SIDE
2
3
RCHS - BOTTOM PANEL
1
4
RCHS K.D. - PUNCHED COMBO RAILS
4
5
BLACK PLASTIC HANDLE
2
6
SCRW1/4-20 X 1/2
8
7
NUT 1/4-20 KEP
8
8
SCREW 1/4-20X1/2 HEX SLOT BOLT
8
9
NUT 1/4-20 SPRING
8
23.25 in
591 mm
USABLE DEPTH
1
24.50 in
622 mm
21.00 in
533 mm
16.00 in
406 mm
2
6
17.81 in
452 mm
OPENING
14.06 in
357 mm
8U
18.35 in
466 mm
19" MTG
O
.28 in
7 mm
4
5
2
3
8
7
PART NUMBERS
PAINTED BLACK TEXTURED
PAINTED RAL7035 TEXTURED
RCHS1901424BK1
RCHS1901424LG1
RCHS1901424CG1 PAINTED CONT. GRAY TEXTURED


Similar Part No. - RCHS1901424BK1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCHS1901424BK1 HAMMOND-RCHS1901424BK1 Datasheet
120Kb / 2P
   Armoire de table en acier robuste a assembler
More results

Similar Description - RCHS1901424BK1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com