Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2160CM-T13 Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2160CM-T13
Description  180MHz Current Feedback Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2160CM-T13 Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2160CM-T13 Datasheet HTML 1Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 2Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 3Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 4Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 5Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 6Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 7Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 8Page - Elantec Semiconductor EL2160CM-T13 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL2160C is a current feedback operational amplifier with -3dB
bandwidth of 130MHz at a gain of +2. Built using the Elantec propri-
etary monolithic complementary bipolar process, this amplifier uses
current mode feedback to achieve more bandwidth at a given gain than
a conventional voltage feedback operational amplifier.
The EL2160C is designed to drive a double terminated 75
Ω coax
cable to video levels. Differential gain and phase are excellent when
driving both loads of 500
Ω (<0.01%/<0.01°) and double terminated
75
Ω cables (0.025%/0.1°).
The amplifier can operate on any supply voltage from 4V (±2V) to
33V (±16.5V), yet consume only 8.5mA at any supply voltage. Using
industry-standard pinouts, the EL2160C is available in 8-pin PDIP and
SO packages, as well as a 16-pin SO (0.300”) package. All are speci-
fied for operation over the full -40°C to +85°C temperature range. For
dual and quad applications, please see the EL2260C/EL2460C
datasheet.
Connection Diagrams
1
2
3
4
8
7
6
5
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
8-Pin PDIP/SO
16-Pin SO (0.300”)
NC
VS+
OUT
NC
NC
NC
VS+
NC
OUT
NC
NC
NC
NC
-IN
+IN
VS-
NC
NC
-IN
NC
+IN
NC
VS-
NC
-
+
-
+
Features
• 130MHz 3dB bandwidth (AV=+2)
• 180MHz 3dB bandwidth (AV=+1)
• 0.01% differential gain, RL=500Ω
• 0.01° differential phase, RL=500Ω
• Low supply current, 8.5mA
• Wide supply range, ±2V to ±15V
• 80mA output current (peak)
• Low cost
• 1500V/µs slew rate
• Input common mode range to
within 1.5V of supplies
• 35ns settling time to 0.1%
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters
Ordering Information
Part No.
Package
Tape & Reel
Outline#
EL2160CN
8-Pin PDIP
-
MDP0031
EL2160CS-T7
8-Pin SO
7”
MDP0027
EL2160CS-T13
8-Pin SO
13”
MDP0027
EL2160CM
16-Pin SO (0.300”)
-
MDP0027
EL2160CM-T13 16-Pin SO (0.300”)
13”
MDP0027
EL2160C
180MHz Current Feedback Amplifier


Similar Part No. - EL2160CM-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2160CM-T13 INTERSIL-EL2160CM-T13 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
More results

Similar Description - EL2160CM-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com