Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW006102 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MASW006102
Description  HMIC??Silicon PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW006102 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MASW006102 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW006102 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
V2
MASW-006102-13610
HMIC™ Silicon PIN Diode Switch
with Integrated Bias Network
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
7
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Cleanliness
These chips should be handled in a clean environment.
Wire Bonding
Thermosonic wedge wire bonding using 0.00025” x 0.003” ribbon or 0.001” diameter gold wire is
recommended. A heat stage temperature of 150oC and a force of 18 to 22 grams should be used. Ultrasonic
energy should be adjusted to the minimum required to achieve a good bond. RF bond wires should be kept as
short and straight as possible.
Mounting
The HMIC switches have Ti-Pt-Au back metal. They can be die mounted with a gold-tin eutectic solder
preform or conductive epoxy. Mounting surface must be clean and flat.
Eutectic Die Attachment
An 80/20, gold-tin, eutectic solder preform is recommended with a work surface temperature of 255oC and a
tool tip temperature of 265oC. When hot gas is applied, the tool tip temperature should be 290oC. The chip
should not be exposed to temperatures greater than 320oC for more than 20 seconds. No more than three
seconds should be required for attachment. Solders containing tin should not be used.
Epoxy Die Attachment
A minimum amount of epoxy should be used. A thin epoxy fillet should be visible around the perimeter of the
chip after placement. Cure epoxy per manufacturer’s schedule. (typically 125-150oC).
Wire/Ribbon and Die Attachment Recommendations
Part Number
Package
MASW-006102-13610W
Waffle Pack
Ordering Information


Similar Part No. - MASW006102

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
   HMIC Silicon PIN Diode Switch
More results

Similar Description - MASW006102

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
   HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
   HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
   HMIC Silicon PIN Diode Switch
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
   HMIC Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
   HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
   HMIC??Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com