Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008902-000DIE Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008902-000DIE
Description  Bumped GaAs SP3T Switch for WLAN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008902-000DIE Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MASW-008902-000DIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008902-000DIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008902-000DIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008902-000DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008902-000DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bumped GaAs SP3T Switch for WLAN
2.4 - 2.5 GHz
Rev. V4
MASW-008902-000DIE
5
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Die Dimensions (Top and Side Views)
PCB Top Metal / Solder Mask
Die Bump Pad Layout - Bottom View
(bump side down - as installed on board)
Die Bump Pad Layout - Top View
(bump side up)
10.Orientation mark is only on material that is shipped in tape and
reel. The mark is not available on die shipped on grip ring.


Similar Part No. - MASW-008902-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
   Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch for WLAN
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
MASW-008902-000DIE_V4 MA-COM-MASW-008902-000DIE_V4 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch for WLAN
More results

Similar Description - MASW-008902-000DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008902-000DIE_V4 MA-COM-MASW-008902-000DIE_V4 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch for WLAN
MASW-009276-000DIE_V2 MA-COM-MASW-009276-000DIE_V2 Datasheet
275Kb / 5P
   Bumped GaAs SP3T Switch for WLAN
MASW-009276-001DIE MA-COM-MASW-009276-001DIE_15 Datasheet
889Kb / 6P
   Bumped GaAs SP3T Switch for WLAN 1.0 - 4.0 GHz
MASW-009276-000DIE MA-COM-MASW-009276-000DIE Datasheet
241Kb / 5P
   Bumped GaAs SP3T Switch for WLAN 1.0 - 4.0 GHz
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
   Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
MASW-009276-001DIE MA-COM-MASW-009276-001DIE Datasheet
290Kb / 5P
   Bumped GaAs SP3T Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
MASW-009590 MA-COM-MASW-009590 Datasheet
227Kb / 4P
   Bumped GaAs SPDT Switch
MASW-009590 MA-COM-MASW-009590 Datasheet
227Kb / 4P
   Bumped GaAs SPDT Switch
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
   2.4GHz WLAN LNA SP3T Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com