Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2450CN Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL2450CN
Description  125MHz Single Supply Dual/Quad Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2450CN Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL2450CN Datasheet HTML 7Page - Elantec Semiconductor EL2450CN Datasheet HTML 8Page - Elantec Semiconductor EL2450CN Datasheet HTML 9Page - Elantec Semiconductor EL2450CN Datasheet HTML 10Page - Elantec Semiconductor EL2450CN Datasheet HTML 11Page - Elantec Semiconductor EL2450CN Datasheet HTML 12Page - Elantec Semiconductor EL2450CN Datasheet HTML 13Page - Elantec Semiconductor EL2450CN Datasheet HTML 14Page - Elantec Semiconductor EL2450CN Datasheet HTML 15Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
EL2250C, EL2450C
125MHz Single Supply Dual/Quad Op Amps
some maximum value which should not be exceeded for
optimum performance. If a large value of RF must be
used, a small capacitor in the few picofarad range in par-
allel with RF can help to reduce this ringing and peaking
at the expense of reducing the bandwidth.
As far as the output stage of the amplifier is concerned,
RF + RG appear in parallel with RL for gains other than
+1. As this combination gets smaller, the bandwidth
falls off. Consequently, RF has a minimum value that
should not be exceeded for optimum performance.
For AV = +1, RF = 0Ω is optimum. For AV = -1 or +2
(noise gain of 2), optimum response is obtained with RF
between 500
Ω and 1kΩ. For Av = -4 or +5 (noise gain of
5), keep RF between 2kΩ and 10kΩ.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same fre-
quency response as DC levels are changed at the output.
This can be difficult when driving a standard video load
of 150
Ω, because of the change in output current with
DC level. Differential Gain and Differential Phase for
the EL2250C/EL2450C are specified with the black
level of the output video signal set to +1.2V. This allows
ample room for the sync pulse even in a gain of +2 con-
figuration. This results in dG and dP specifications of
0.05% and 0.05° while driving 150
Ω at a gain of +2.
Setting the black level to other values, although accept-
able, will compromise peak performance. For example,
looking at the single supply dG and dP curves for
RL=150Ω, if the output black level clamp is reduced
from 1.2V to 0.6V dG/dP will increase from
0.05%/0.05° to 0.08%/0.25° Note that in a gain of +2
configuration, this is the lowest black level allowed such
that the sync tip doesn’t go below 0V.
If your application requires that the output goes to
ground, then the output stage of the EL2250C/EL2450C,
like all other single supply op amps, requires an external
pull down resistor tied to ground. As mentioned above,
the current flowing through this resistor becomes the DC
bias current for the output stage NPN transistor. As this
current approaches zero, the NPN turns off, and dG and
dP will increase. This becomes more critical as the load
resistor is increased in value. While driving a light load,
such as 1k
Ω, if the input black level is kept above 1.25V,
dG and dP are a respectable 0.03% and 0.03°.
For other biasing conditions see the Differential Gain
and Differential Phase vs. Input Voltage curves.
Output Drive Capability
In spite of their moderately low 5mA of supply current,
the EL2250C/EL2450C are capable of providing
±100mA of output current into a 10
Ω load, or ±60mA
into 50
Ω. With this large output current capability, a
50
Ω load can be driven to ±3V with VS = ±5V, making
it an excellent choice for driving isolation transformers
in telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is
always recommended for reflection-free performance.
For those applications, the back-termination series resis-
tor will de-couple the EL2250C/EL2450C from the
cable and allow extensive capacitive drive. However,
other applications may have high capacitive loads with-
out a back-termination resistor. In these applications, a
small series resistor (usually between 5
Ω and 50 Ω) can
be placed in series with the output to eliminate most
peaking. The gain resistor (RG) can then be chosen to
make up for any gain loss which may be created by this
additional resistor at the output.
Video Sync Pulse Remover Application
All CMOS Analog to Digital Converters (A/Ds) have a
parasitic latch-up problem when subjected to negative
input voltage levels. Since the sync tip contains no use-
ful video information and it is a negative going pulse, we
can chop it off.
Figure 1 shows a unity gain connected amplifier A of an
EL2250C. Figure 2 shows the complete input video sig-
nal applied at the input, as well as the output signal with
the negative going sync pulse removed.


Similar Part No. - EL2450CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2450CN INTERSIL-EL2450CN Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450CN INTERSIL-EL2450CN Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2450CN RENESAS-EL2450CN Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2450CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com