Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2360CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL2360CS
Description  Triple 130 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2360CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL2360CS Datasheet HTML 1Page - Elantec Semiconductor EL2360CS Datasheet HTML 2Page - Elantec Semiconductor EL2360CS Datasheet HTML 3Page - Elantec Semiconductor EL2360CS Datasheet HTML 4Page - Elantec Semiconductor EL2360CS Datasheet HTML 5Page - Elantec Semiconductor EL2360CS Datasheet HTML 6Page - Elantec Semiconductor EL2360CS Datasheet HTML 7Page - Elantec Semiconductor EL2360CS Datasheet HTML 8Page - Elantec Semiconductor EL2360CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL2360C
Triple 130 MHz Current Feedback Amplifier
Typical Performance Curves
Response (Gain)
Non-Inverting Frequency
Response (Phase)
Non-Inverting Frequency
for Various RL
Frequency Response
Response (Gain)
Inverting Frequency
Response (Phase)
Inverting Frequency
Various RF and RG
Frequency Response for
Voltage for AV eb1
3 dB Bandwidth vs Supply
for AV eb1
Peaking vs Supply Voltage
Temperature for AV eb 1
3 dB Bandwidth vs
2360 – 2
4


Similar Part No. - EL2360CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2360CS INTERSIL-EL2360CS Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
More results

Similar Description - EL2360CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com