Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2386CN Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2386CN
Description  250 MHz Triple Current Feedback Amp w/Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2386CN Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2386CN Datasheet HTML 1Page - Elantec Semiconductor EL2386CN Datasheet HTML 2Page - Elantec Semiconductor EL2386CN Datasheet HTML 3Page - Elantec Semiconductor EL2386CN Datasheet HTML 4Page - Elantec Semiconductor EL2386CN Datasheet HTML 5Page - Elantec Semiconductor EL2386CN Datasheet HTML 6Page - Elantec Semiconductor EL2386CN Datasheet HTML 7Page - Elantec Semiconductor EL2386CN Datasheet HTML 8Page - Elantec Semiconductor EL2386CN Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL2386C
250 MHz Triple Current Feedback Amp wDisable
Absolute Maximum Ratings (T
A
e
25 C)
Voltage between VSa and VSb
a
126V
Common-Mode Input Voltage
VSb to VSa
Differential Input Voltage
g
6V
Current into aIN or bIN
g
75 mA
Internal Power Dissipation
See Curves
Operating Ambient Temperature Range
b
40 Cto a85 C
Operating Junction Temperature
150 C
Output Current
g
60 mA
Storage Temperature Range
b
65 Cto a150 C
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics
VS e g5V RLe 150X ENABLE e 0V TAe 25 C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Test
Units
Level
VOS
Input Offset Voltage
25
15
I
mV
TCVOS
Average Input Offset Voltage Drift
Measured from TMIN to TMAX
5V
mV C
dVOS
VOS Matching
05
V
mV
a
IIN
a
Input Current
15
15
I
mA
daIIN
a
IIN Matching
20
V
nA
b
IIN
b
Input Current
16
40
I
mA
dbIIN
b
IIN Matching
2V
mA
CMRR
Common Mode Rejection Ratio
VCM e g35V
45
50
I
dB
b
ICMR
b
Input Current Common Mode Rejection
VCM e g35V
5
30
I
mAV
PSRR
Power Supply Rejection Ratio
VS e g4V to g6V
60
70
I
dB
b
IPSR
b
Input Current Power Supply Rejection
VS e g4V to g6V
1
15
I
mAV
ROL
Transimpedance
VOUT e g25V
120
300
I
k
X
a
RIN
a
Input Resistance
VCM e g35V
05
2
I
M
X
a
CIN
a
Input Capacitance
12
V
pF
CMIR
Common Mode Input Range
g
35
g
40
I
V
VO
Output Voltage Swing
VS e g5V
g
35
g
40
I
V
VS ea5V Single-Supply High
40
V
V
VS ea5V Single-Supply Low
03
V
V
IO
Output Current
50
55
I
mA
2


Similar Part No. - EL2386CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2386CS INTERSIL-EL2386CS Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386CS RENESAS-EL2386CS Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2386CS-T13 INTERSIL-EL2386CS-T13 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386CS-T13 RENESAS-EL2386CS-T13 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Intersil Corporation
EL2386CS-T7 INTERSIL-EL2386CS-T7 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
More results

Similar Description - EL2386CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
   70 MHz/1 mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Renesas Technology Corp
EL2386 RENESAS-EL2386 Datasheet
894Kb / 13P
   250MHz Triple Current Feedback Amplifier with Disable
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com