Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2480CS-T7 Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2480CS-T7
Description  250MHz / 3mA Current Mode Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2480CS-T7 Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2480CS-T7 Datasheet HTML 5Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 6Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 7Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 8Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 9Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 10Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 11Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 12Page - Elantec Semiconductor EL2480CS-T7 Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
EL2180C/EL2280C/EL2480C-Preliminary
250MHz / 3mA Current Mode Feedback Amplifiers
Typical Performance Curves
14-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
14-Lead SO
Maximum Power Dissipation
vs Ambient Temperature
Channel Separation
vs Frequency
Non-Inverting Frequency
Response (Gain)
(SOT23-5 Package)
Non-Inverting Frequency
Response (Phase)
(SOT23-5 Package)
Frequency Response for
Various RF and RG
(SOT23-5 Package)
Inverting Frequency
Response (Gain)
(SOT23-5 Package)
Inverting Frequency
Response (Phase)
(SOT23-5 Package)


Similar Part No. - EL2480CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2480CS-T7 INTERSIL-EL2480CS-T7 Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
EL2480CS-T7 INTERSIL-EL2480CS-T7 Datasheet
381Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Renesas Technology Corp
EL2480CS-T7 RENESAS-EL2480CS-T7 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
More results

Similar Description - EL2480CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com