Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2410CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2410CS
Description  Low Cost, Dual, Triple and Quad Video Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2410CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2410CS Datasheet HTML 3Page - Elantec Semiconductor EL2410CS Datasheet HTML 4Page - Elantec Semiconductor EL2410CS Datasheet HTML 5Page - Elantec Semiconductor EL2410CS Datasheet HTML 6Page - Elantec Semiconductor EL2410CS Datasheet HTML 7Page - Elantec Semiconductor EL2410CS Datasheet HTML 8Page - Elantec Semiconductor EL2410CS Datasheet HTML 9Page - Elantec Semiconductor EL2410CS Datasheet HTML 10Page - Elantec Semiconductor EL2410CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
EL2210C/11C, EL2310C/11C, EL2410C/11C
Low Cost, Dual, Triple and Quad Video Op Amps
Application Information
Product Description
The EL2210C, EL2310C, and EL2410C are dual, triple,
and quad operational amplifiers stable at a gain of 1. The
EL2211C, EL2311C, and EL2411C are dual, triple, and
quad operational amplifiers stable at a gain of 2. All six
are built on Elantec's proprietary complimentary process
and share the same voltage mode feedback topology.
This topology allows them to be used in a variety of
applications where current mode feedback amplifiers are
not appropriate because of restrictions placed on the
feedback elements. These products are especially
designed for applications where high bandwidth and
good video performance characteristics are desired but
the higher cost of more flexible and sophisticated prod-
ucts are prohibitive.
Power Supplies
These amplifiers are designed to work at a supply volt-
age difference of 10V to 12V. These amplifiers will
work on any combination of ± supplies. All electrical
characteristics are measured with ±5V supplies. Below
9V total supply voltage the amplifiers’ performance will
degrade dramatically. The quiescent current is a direct
function of total supply voltage. With a total supply volt-
age of 12V the quiescent supply current will increase
from a typical 6.8mA per amplifier to 10mA per
amplifier.
Output Swing vs Load
Please refer to the simplified block diagram. These
amplifiers provide an NPN pull-up transistor output and
a passive 1250
Ω pull-down resistor to the most negative
supply. In an application where the load is connected to
VS- the output voltage can swing to within 200mV of
VS-. In split supply applications where the DC load is
connected to ground the negative swing is limited by the
voltage divider formed by the load, the internal 1250
resistor and any external pull-down resistor. If RL were
150
Ω then it and the 1250Ω internal resistor limit the
maximum negative swing to
Or--0.53V
The negative swing can be increased by adding an exter-
nal resistor of appropriate value from the output to the
negative supply. The simplified block diagram shows an
820
Ω external pull-down resistor. This resistor is in par-
allel with the internal 1250
Ω resistor. This will increase
the negative swing to
Or -1.16V
Power Dissipation and Loading
Without any load and a 10V supply difference the power
dissipation is 70mW per amplifier. At 12V supply dif-
ference this increases to 105mW per amplifier. At 12V
this translates to a junction temperature rise above ambi-
ent of 33°C for the dual and 40°C for the quad amplifier.
When the amplifiers provide load current the power dis-
sipation can rapidly rise.
In ±5V operation each output can drive a grounded
150
Ω load to more than 2V. This operating condition
will not exceed the maximum junction temperature limit
as long as the ambient temperature is below 85°C, the
device is soldered in place, and the extra pull-down
resistor is 820
Ω or more.
If the load is connected to the most negative voltage
(ground in single supply operation) you can easily
exceed the absolute maximum die temperature. For
example the maximum die temperature should be
150°C. At a maximum expected ambient temperature of
85°C, the total allowable power dissipation for the SO8
package would be:
At 12V total supply voltage each amplifier draws a max-
imum of 10mA and dissipates 12V * 10mA = 120mW or
240mW for the dual amplifier. Which leaves 121mW of
increased power due to the load. If the load were 150
connected to the most negative voltage and the maxi-
mum voltage out were VS- +1V the load current would
be 6.67mA. Then an extra 146mW ((12V - 1V) *
6.67mA * 2) would be dissipated in the EL2210C or
VEE
150
1250 150
+
---------------------------
=
VEE
150 1250 820
×
1250 820
+
---------------------------
÷
150
+
=
PD
150 85
160
°C/W
------------------------
361mW
=
=


Similar Part No. - EL2410CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2410CS INTERSIL-EL2410CS Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
EL2410CS-T13 INTERSIL-EL2410CS-T13 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
EL2410CS-T7 INTERSIL-EL2410CS-T7 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2410CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com