Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2460CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2460CS
Description  Dual/Quad 130 MHz Current Feedback Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2460CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2460CS Datasheet HTML 1Page - Elantec Semiconductor EL2460CS Datasheet HTML 2Page - Elantec Semiconductor EL2460CS Datasheet HTML 3Page - Elantec Semiconductor EL2460CS Datasheet HTML 4Page - Elantec Semiconductor EL2460CS Datasheet HTML 5Page - Elantec Semiconductor EL2460CS Datasheet HTML 6Page - Elantec Semiconductor EL2460CS Datasheet HTML 7Page - Elantec Semiconductor EL2460CS Datasheet HTML 8Page - Elantec Semiconductor EL2460CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
EL2260CEL2460C
DualQuad 130 MHz Current Feedback Amplifiers
Absolute Maximum Ratings (T
A
e
25 C)
Voltage between VS
a and VSb
a
33V
Voltage between aIN and bIN
g
6V
Current into aIN or bIN
10 mA
Internal Power Dissipation
See Curves
Operating Ambient Temperature Range
b
40 Cto a85 C
Operating Junction Temperature
Plastic Packages
150 C
Storage Temperature Range
b
65 Cto a150 C
Output Current
g
50 mA
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
Open Loop DC Electrical Characteristics
VS e g15V RL e 150X TA e 25 C unless otherwise specified
Parameter
Description
Conditions
Temp
Limits
Test Level
Units
Min
Typ
Max
EL2260C
EL2460C
VOS
Input Offset Voltage
VS e g5V g15V
25 C
2
10
I
mV
TMIN TMAX
15
III
mV
TC VOS
Average Offset Voltage
Full
10
V
mV C
Drift (Note 1)
a
IIN
a
Input Current
VS e g5V g15V
25 C
05
5
I
mA
TMIN TMAX
10
III
mA
b
IIN
b
Input Current
VS e g5V g15V
25 C
5
25
I
mA
TMIN TMAX
35
III
mA
CMRR
Common Mode Rejection
VS e g5V g15V
Full
50
55
II
dB
Ratio (Note 2)
b
ICMR
b
Input Current Common
VS e g5V g15V
25 C
02
5
I
mAV
Mode Rejection (Note 2)
TMIN TMAX
5
III
mAV
PSRR
Power Supply Rejection
Full
75
95
II
dB
Ratio (Note 3)
b
IPSR
b
Input Current Power
25 C
02
5
I
mAV
Supply Rejection (Note 3)
TMIN TMAX
5
III
mAV
2


Similar Part No. - EL2460CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2460CS INTERSIL-EL2460CS Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
More results

Similar Description - EL2460CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com