Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-010612 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-010612
Description  GaAs SP3T Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-010612 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-010612 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-010612 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-010612 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-010612 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SP3T Switch
DC - 3.5 GHz
Rev. V1
MASW-010612
2
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Freq: 2.45 GHz, TA = 25°C, VC = 0 V / 3 V, Z0 = 50 Ω 6,7
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
8
dB
0.6
0.85
Isolation
RFC - TX, RX, BT
dB
19
21
Return Loss
dB
20
IP3
Two Tone, +10 dBm/tone, 10 MHz Spacing
dBm
54
P1dB
TX
RX
BT
dBm
36
34
34
3rd Harmonic
+20 dBm
dBc
-78
Control Current
|VC| = 3 V
µA
4
10
Ton, Toff
50% control to 90% RF,
50% control to 10% RF
ns
26
30
Trise, Tfall
10% to 90% RF,
90% to 10% RF
ns
16
20
6. For positive control voltage, external DC blocking capacitors are required on all RF ports.
7. Specifications apply with no connection to pin 2 (VP).
8. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 100 - 500 MHz, 39 pF for 2.45 GHz.
Truth Table 11,12,13
V1
V2
V3
RFC - TX RFC - RX RFC - BT
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
11. 0 = 0 V ± 0.2 V, 1 = 1.8 V to +5 V, minimum VHI-VLO = 1.8 V,
maximum VHI-VLO = 8.5 V.
12. For use at low voltage, M/A-COM recommends connecting
pin 2 to a voltage equal to the most positive control voltage.
13. Negative control voltage may be used. The ‘1’ in the table
would be the most positive (0 V) and the ‘0’ would be the
most negative (-3 V for example).
Parameter
Absolute Maximum
Max Input Power
(0.5-3.5 GHz, 3 V Control)
RFC – TX
RFC – RX
RFC – BT
35 dBm
31 dBm
31 dBm
|VHI-VLO|
8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 9,10
9.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
10. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.


Similar Part No. - MASW-010612

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-010612-001SMB MA-COM-MASW-010612-001SMB Datasheet
622Kb / 5P
   Fast Settling Speed for timing-sensitive applications
MASW-010612-TR1000 MA-COM-MASW-010612-TR1000 Datasheet
622Kb / 5P
   Fast Settling Speed for timing-sensitive applications
MASW-010612-TR3000 MA-COM-MASW-010612-TR3000 Datasheet
622Kb / 5P
   Fast Settling Speed for timing-sensitive applications
MASW-010612 MA-COM-MASW-010612_15 Datasheet
622Kb / 5P
   Fast Settling Speed for timing-sensitive applications
More results

Similar Description - MASW-010612

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
MASW-009276-001DIE MA-COM-MASW-009276-001DIE Datasheet
290Kb / 5P
   Bumped GaAs SP3T Switch
MASW-007074-000100 MA-COM-MASW-007074-000100 Datasheet
110Kb / 4P
   GaAs SP3T Absorptive Switch
logo
New Japan Radio
NJG1655SCC NJRC-NJG1655SCC Datasheet
170Kb / 8P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
   GaAs SP3T 2.5 V Switch
logo
New Japan Radio
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
   GaAs DC-2.5 GHz SP3T Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com