Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4089CN Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL4089CN
Description  DC Restored Video Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4089CN Datasheet(HTML) 8 Page - Elantec Semiconductor

  EL4089CN Datasheet HTML 1Page - Elantec Semiconductor EL4089CN Datasheet HTML 2Page - Elantec Semiconductor EL4089CN Datasheet HTML 3Page - Elantec Semiconductor EL4089CN Datasheet HTML 4Page - Elantec Semiconductor EL4089CN Datasheet HTML 5Page - Elantec Semiconductor EL4089CN Datasheet HTML 6Page - Elantec Semiconductor EL4089CN Datasheet HTML 7Page - Elantec Semiconductor EL4089CN Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EL4089C
DC Restored Video Amplifier
Table of Charge Storage Capacitor vs Droop Charging Rates
Cap Value
Droop in 60 ms
Charge in 12 ms
Charge in 4 ms
nF
mV
mV
mV
10
6
36
120
33
18
11
36
100
06
36
12
Basic formulae are
V (droop) e Iba
(Line time b Sample time)
Capacitor
and V (charge) e IOUT
Sample time
Capacitor
For best results the source impedance should be
kept low using a buffer for example
Because the SH effectively shorts the input sig-
nal during Sample the input should not be sam-
pled during active video Typically the sample is
made during the back porch period of horizontal
blanking For this reason color composite signals
which have color burst on the back porch can
not be passed See EL2090 or EL4093 for this ap-
plication
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown Elantec Inc reserves the right to make changes
in the circuitry or specifications contained herein at any time without notice Elantec Inc assumes no responsibility for the use of any
circuits described herein and makes no representations that they are free from patent infringement
Elantec Inc
1996 Tarob Court
Milpitas CA 95035
Telephone (408) 945-1323
(800) 333-6314
Fax (408) 945-9305
European Office 44-71-482-4596
WARNING
Life Support Policy
Elantec Inc products are not authorized for and should not be
used within Life Support Systems without the specific written
consent of Elantec Inc Life Support systems are equipment in-
tended to support or sustain life and whose failure to perform
when properly used in accordance with instructions provided can
be reasonably expected to result in significant personal injury or
death Users contemplating application of Elantec Inc products
in Life Support Systems are requested to contact Elantec Inc
factory headquarters to establish suitable terms
conditions for
these applications Elantec Inc’s warranty is limited to replace-
ment of defective components and does not cover injury to per-
sons or property or other consequential damages
Printed in USA
8


Similar Part No. - EL4089CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4089CN INTERSIL-EL4089CN Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
EL4089CN RENESAS-EL4089CN Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
More results

Similar Description - EL4089CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
   DC-Restored Video Amplifier
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Renesas Technology Corp
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
   300MHz DC-Restored Video Amplifier
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
   100 MHz DC-Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
   300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com