Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4094CN Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL4094CN
Description  Video Gain Control/Fader
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4094CN Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL4094CN Datasheet HTML 2Page - Elantec Semiconductor EL4094CN Datasheet HTML 3Page - Elantec Semiconductor EL4094CN Datasheet HTML 4Page - Elantec Semiconductor EL4094CN Datasheet HTML 5Page - Elantec Semiconductor EL4094CN Datasheet HTML 6Page - Elantec Semiconductor EL4094CN Datasheet HTML 7Page - Elantec Semiconductor EL4094CN Datasheet HTML 8Page - Elantec Semiconductor EL4094CN Datasheet HTML 9Page - Elantec Semiconductor EL4094CN Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EL4094C
Video Gain ControlFader
Typical Performance Curves
Contd
Phase Error vs Gain
Differential Gain and
Phase Error vs Gain
Differential Gain and
4094 – 6
Gain vs VG 1VDC at VINA
4094 – 7
Cross-Fade Balance VINA e VINB e 0V
4094 – 8
Gain Control Response to
a Non-Overloading Step
Constant Sinewave at VINA
4094 – 9
VGAIN Overload Recovery Response
4094 – 10
6


Similar Part No. - EL4094CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4094CN INTERSIL-EL4094CN Datasheet
491Kb / 12P
   Video Gain Control/Fader
More results

Similar Description - EL4094CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
   Video Gain Control/Fader/Multiplexer
logo
Intersil Corporation
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
   Video Gain Control/Fader/Multiplexer
logo
Elantec Semiconductor
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
   Video Fader
logo
Intersil Corporation
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
   Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com