Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X3D1S2M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E2E-X3D1S2M
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X3D1S2M Datasheet(HTML) 5 Page - Omron Electronics LLC

  E2E-X3D1S2M Datasheet HTML 1Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 2Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 3Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 4Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 5Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 6Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 7Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 8Page - Omron Electronics LLC E2E-X3D1S2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
E2E
5
Ordering Information
Shielded DC 2-wire Models with No Self-diagnostic Output [Refer to Dimensions on page 27.]
*1. Models with different frequencies are also available. The model number is E2E-X
@D15 (example: E2E-X3D15-N 2M).
*2. Refer to page 22 for details.
*3. The residual voltage for models without polarity is 5 V, so use caution concerning the connection load interface conditions (e.g., PLC ON voltage).
Refer to page 26
2-Wire Models
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Polar-
ity
Opera-
tion
mode
Pin
arrangement
Applicable
connector
code *2
Model
M8
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X2D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X2D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X2D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X2D1-U 2M
NC
E2E-X2D2-U 2M
PVC (oil-resistant)
NO
E2E-X2D1-N 2M
NC
E2E-X2D2-N 2M
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X2D1-M1G
NC
1: +V, 2: 0 V
D
E2E-X2D2-M1G
M8 Connector Models
---
NO
1: +V, 4: 0 V
I
E2E-X2D1-M3G
NC
1: +V, 2: 0 V
E2E-X2D2-M3G
M12
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X3D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X3D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X3D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X3D1-U 2M
NC
E2E-X3D2-U 2M
PVC (oil-resistant)
NO
E2E-X3D1-N 2M *1
NC
E2E-X3D2-N 2M
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X3D1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X3D2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m)
PVC (oil-resistant)
Yes
NO
1: +V, 4: 0 V
A
E2E-X3D1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X3D2-M1GJ 0.3M
No *3
NO
(3, 4): (+V, 0 V)
C
E2E-X3D1-M1J-T 0.3M
NC
(1, 2): (+V, 0 V)
D
---
M18
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X7D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X7D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X7D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X7D1-U 2M
NC
E2E-X7D2-U 2M
PVC (oil-resistant)
NO
E2E-X7D1-N 2M *1
NC
E2E-X7D2-N 2M
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X7D1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X7D2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m)
PVC (oil-resistant)
Yes
NO
1: +V, 4: 0 V
A
E2E-X7D1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X7D2-M1GJ 0.3M
No *3
NO
(3, 4): (+V, 0 V)
C
E2E-X7D1-M1J-T 0.3M
NC
(1, 2): (+V, 0 V)
D
E2E-X7D2-M1J-T 0.3M
M30
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X10D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X10D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X10D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X10D1-U 2M
NC
E2E-X10D2-U 2M
PVC (oil-resistant)
NO
E2E-X10D1-N 2M *1
NC
E2E-X10D2-N 2M
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X10D1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X10D2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m)
PVC (oil-resistant)
Yes
NO
1: +V, 4: 0 V
A
E2E-X10D1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X10D2-M1GJ 0.3M
No *3
NO
(3, 4): (+V, 0 V)
C
E2E-X10D1-M1J-T 0.3M
NC
(1, 2): (+V, 0 V)
D
E2E-X10D2-M1J-T 0.3M
2 mm
3 mm
7 mm
10 mm


Similar Part No. - E2E-X3D1S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X3D1S OMRON-E2E-X3D1S Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X3D1S OMRON-E2E-X3D1S Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X3D1S OMRON-E2E-X3D1S Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X3D1S OMRON-E2E-X3D1S Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X3D1S-M1 OMRON-E2E-X3D1S-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E-X3D1S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX2E1 OMRON-E2EX2E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
   the switch stops the compressor and starts the pump
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
   Connect your legacy audio gear to the Dante world.
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com