Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8654 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ECH8654
Description  P-Channel Power MOSFET ??0V, ??A, 38m廓, Dual ECH8
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8654 Datasheet(HTML) 2 Page - ON Semiconductor

  ECH8654 Datasheet HTML 1Page - ON Semiconductor ECH8654 Datasheet HTML 2Page - ON Semiconductor ECH8654 Datasheet HTML 3Page - ON Semiconductor ECH8654 Datasheet HTML 4Page - ON Semiconductor ECH8654 Datasheet HTML 5Page - ON Semiconductor ECH8654 Datasheet HTML 6Page - ON Semiconductor ECH8654 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ECH8654
No. A0981-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--3A
4.9
8.3
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--3A, VGS=--4.5V
29
38
RDS(on)2
ID=--1.5A, VGS=--2.5V
41
58
RDS(on)3
ID=--0.5A, VGS=--1.8V
64
98
Input Capacitance
Ciss
VDS=--10V, f=1MHz
960
pF
Output Capacitance
Coss
180
pF
Reverse Transfer Capacitance
Crss
140
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
14
ns
Rise Time
tr
55
ns
Turn-OFF Delay Time
td(off)
92
ns
Fall Time
tf
68
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--5A
11
nC
Gate-to-Source Charge
Qgs
2.0
nC
Gate-to-Drain “Miller” Charge
Qgd
2.8
nC
Diode Forward Voltage
VSD
IS=--5A, VGS=0V
--0.82
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ECH8654-TL-H
ECH8
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --3A
RL=3.33Ω
VDD= --10V
VOUT
ECH8654
VIN
0V
--4V
VIN


Similar Part No. - ECH8654

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8654 SANYO-ECH8654 Datasheet
61Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
ECH8654 SANYO-ECH8654 Datasheet
416Kb / 7P
   General-Purpose Switching Device Applications
ECH8654 SANYO-ECH8654_12 Datasheet
416Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ECH8654

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
VEC2616-TL-H ONSEMI-VEC2616-TL-H Datasheet
435Kb / 9P
   Power MOSFET 60V, 3A, 80m廓, ??0V, ??.5A, 137m, Complementary Dual VEC8
July, 2013
logo
List of Unclassifed Man...
ECH8601M-TL-H ETC2-ECH8601M-TL-H Datasheet
533Kb / 5P
   N-Channel Power MOSFET24V, 8A, 23m, Dual ECH8
logo
KIA Semiconductor Techn...
9926A KIA-9926A Datasheet
124Kb / 4P
   6A竊?0V Dual N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
FDMA6023PZT FAIRCHILD-FDMA6023PZT Datasheet
366Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3.6 A, 60 m廓
FDS8935 FAIRCHILD-FDS8935 Datasheet
225Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
FDMA1027PT FAIRCHILD-FDMA1027PT Datasheet
294Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
logo
Rohm
2SB1427T100E ROHM-2SB1427T100E Datasheet
57Kb / 3P
   Power transistor (??0V, ??A)
logo
ON Semiconductor
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com