Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X20MD1S2M Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E2E-X20MD1S2M
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X20MD1S2M Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E2E-X20MD1S2M Datasheet HTML 6Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 7Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 8Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 9Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 10Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 11Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 12Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 13Page - Omron Electronics LLC E2E-X20MD1S2M Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
E2E
Unshielded DC 3-Wire Models [Refer to Dimensions on page 27.]
*1. Models with different frequencies are also available. The model number is E2E-X
@M@@5 (example: E2E-X5ME15 2M).
*2. Refer to page 22 for details.
3-Wire Models
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Opera-
tion
mode
Pin
arrangement
Appli-
cable
connec-
tor code
*2
Model
NPN output
PNP output
M8
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
NO
---
---
E2E-X2ME1 2M
E2E-X2MF1 2M
NC
E2E-X2ME2 2M
E2E-X2MF2 2M
M12 Connector
Models
---
NO
1: +V, 3: 0 V,
4: Control output
B
E2E-X2ME1-M1
E2E-X2MF1-M1
NC
1: +V, 3: 0 V,
2: Control output
D
E2E-X2ME2-M1
E2E-X2MF2-M1
M8 Connector
Models
---
NO
1: +V, 3: 0 V,
4: Control output
I
E2E-X2ME1-M3
E2E-X2MF1-M3
NC
1: +V, 3: 0 V,
2: Control output
E2E-X2ME2-M3
E2E-X2MF2-M3
M12
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
NO
---
---
E2E-X5ME1 2M *1
E2E-X5MF1 2M
NC
E2E-X5ME2 2M
E2E-X5MF2 2M
M12 Connector
Models
---
NO
1: +V, 3: 0 V,
4: Control output
B
E2E-X5ME1-M1
E2E-X5MF1-M1
NC
1: +V, 3: 0 V,
2: Control output
D
E2E-X5ME2-M1
E2E-X5MF2-M1
M18
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
NO
---
---
E2E-X10ME1 2M *1 E2E-X10MF1 2M
NC
E2E-X10ME2 2M
E2E-X10MF2 2M
M12 Connector
Models
---
NO
1: +V, 3: 0 V,
4: Control output
B
E2E-X10ME1-M1
E2E-X10MF1-M1
NC
1: +V, 3: 0 V,
2: Control output
D
E2E-X10ME2-M1
E2E-X10MF2-M1
M30
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
NO
---
---
E2E-X18ME1 2M *1 E2E-X18MF1 2M
NC
E2E-X18ME2 2M
E2E-X18MF2 2M
M12 Connector
Models
---
NO
1: +V, 3: 0 V,
4: Control output
B
E2E-X18ME1-M1
E2E-X18MF1-M1
NC
1: +V, 3: 0 V,
2: Control output
D
E2E-X18ME2-M1
E2E-X18MF2-M1
2 mm
5 mm
10 mm
18 mm


Similar Part No. - E2E-X20MD1S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X20MD1S OMRON-E2E-X20MD1S Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X20MD1S OMRON-E2E-X20MD1S Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X20MD1S OMRON-E2E-X20MD1S Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X20MD1S OMRON-E2E-X20MD1S Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X20MD1S-M1 OMRON-E2E-X20MD1S-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
More results

Similar Description - E2E-X20MD1S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX2E1 OMRON-E2EX2E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
   the switch stops the compressor and starts the pump
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
   Connect your legacy audio gear to the Dante world.
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com