Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-4094-03A241 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-4094-03A241
Description  KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 3 Circuits, PA Polyamide Nylon, Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-4094-03A241 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-4094-03A241 Datasheet HTML 1Page - Molex Electronics Ltd. A-4094-03A241 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-12-2031
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Wire-to-Board Header, Single Row, Right Angle, 3 Circuits, PA Polyamide
Nylon, Gold (Au) Plating
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
4094
Application
Board-to-Board, Signal, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753729353
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Natural (White)
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Nylon
Net Weight
0.239/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.15mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.508µm
Plating min - Termination
0.508µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
4094Series
Mates With
2695 , 6471 , 7880 , 4455 , 7720


Similar Part No. - A-4094-03A241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-4094-03A102 MOLEX2-A-4094-03A102 Datasheet
462Kb / 5P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Right Angle, 3 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
A-4094-03A197 MOLEX11-A-4094-03A197 Datasheet
54Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 3 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
A-4094-03A501 MOLEX2-A-4094-03A501 Datasheet
462Kb / 5P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Right Angle, 3 Circuits, PA Polyamide Nylon, Gold (Au) Plating
More results

Similar Description - A-4094-03A241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-12-2161 MOLEX11-22-12-2161 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 16 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2121 MOLEX11-22-12-2121 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2081 MOLEX11-22-12-2081 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 8 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2151 MOLEX11-22-12-2151 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 15 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2101 MOLEX11-22-12-2101 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 10 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2051 MOLEX11-22-12-2051 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 5 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2091 MOLEX11-22-12-2091 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 9 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2131 MOLEX11-22-12-2131 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 13 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2021 MOLEX11-22-12-2021 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 2 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-12-2061 MOLEX11-22-12-2061 Datasheet
36Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Right Angle, 6 Circuits, PA Polyamide Nylon, Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com