Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC06D470E Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELC06D470E
Description  Adoption of High -m and High Bm ferrite cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D470E Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ELC06D470E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 7Page - Panasonic Semiconductor ELC06D470E Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EL39 Ð
Choke Coils
Type
18B
ELC18B3R3L
ELC18B3R9L
ELC18B4R7L
ELC18B5R6L
ELC18B6R8L
ELC18B8R2L
ELC18B100L
ELC18B120L
ELC18B150L
ELC18B180L
ELC18B220L
ELC18B270L
ELC18B330L
ELC18B390L
ELC18B470L
ELC18B560L
ELC18B680L
ELC18B820L
ELC18B101L
ELC18B121L
ELC18B151L
ELC18B181L
ELC18B221L
ELC18B271L
ELC18B331L
ELC18B391L
ELC18B471L
ELC18B561L
ELC18B681L
ELC18B821L
ELC18B102L
ELC18B122L
ELC18B152L
ELC18B182L
ELC18B222L
ELC18B272L
ELC18B332L
ELC18B392L
ELC18B472L
ELC18B562L
ELC18B682L
ELC18B822L
ELC18B103L
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
0.010
0.011
0.012
0.013
0.015
0.016
0.017
0.018
0.021
0.022
0.025
0.028
0.030
0.033
0.037
0.040
0.046
0.051
0.057
0.065
0.072
0.082
0.090
0.11
0.13
0.15
0.21
0.23
0.26
0.34
0.39
0.44
0.58
0.65
0.88
1.2
1.4
1.5
1.7
2.2
2.8
3.1
3.9
8.5
8.0
7.8
7.4
6.8
6.6
6.5
6.0
5.9
5.6
5.4
4.8
4.6
4.4
4.3
4.2
4.0
3.7
3.2
3.0
2.7
2.6
2.4
2.2
1.9
1.8
1.6
1.5
1.4
1.3
1.1
1.0
0.85
0.84
0.75
0.68
0.60
0.57
0.55
0.46
0.45
0.41
0.36
[at 20ûC]
∗DCR.
(Ω±20%)
∗∗[at 20ûC]
IDC.
(Αmax.)
Test Freq.
(kHz)
10
Tolerance
(%)
±20
±10
Inductance
(µH)
Part No.
∗Refer to former page
s
Examples Type 18B


Similar Part No. - ELC06D470E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D470E PANASONIC-ELC06D470E Datasheet
136Kb / 7P
   Choke Coils
ELC06D470E PANASONIC-ELC06D470E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D470E PANASONIC-ELC06D470E Datasheet
136Kb / 7P
   Choke Coils
ELC06D470E PANASONIC-ELC06D470E Datasheet
136Kb / 7P
   Choke Coils
ELC06D470E PANASONIC-ELC06D470E Datasheet
771Kb / 10P
   Choke Coils
More results

Similar Description - ELC06D470E

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
ON Semiconductor
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
2SA1593 ONSEMI-2SA1593 Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1708 ONSEMI-2SA1708 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1706 ONSEMI-2SA1706 Datasheet
577Kb / 6P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com