Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C530-QCL Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS87C530-QCL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS87C530-QCL Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS87C530-QCL Datasheet HTML 1Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 2Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 3Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 4Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 5Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 6Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 7Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 8Page - Maxim Integrated Products DS87C530-QCL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1 of 45
REV: 071107
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
80C52 Compatible
8051 Instruction-Set Compatible
Four 8-Bit I/O Ports
Three 16-Bit Timer/Counters
256 Bytes Scratchpad RAM
Large On-Chip Memory
16kB EPROM (OTP)
1kB Extra On-Chip SRAM for MOVX
ROMSIZE Features
Selects Effective On-Chip ROM Size from
0 to 16kB
Allows Access to Entire External Memory Map
Dynamically Adjustable by Software
Useful as Boot Block for External Flash
Nonvolatile Functions
On-Chip Real-Time Clock with Alarm Interrupt
Battery Backup Support of 1kB SRAM
High-Speed Architecture
4 Clocks/Machine Cycle (8051 = 12)
Runs DC to 33MHz Clock Rates
Single-Cycle Instruction in 121ns
Dual Data Pointer
Optional Variable Length MOVX to Access
Fast/Slow RAM /Peripherals
Power Management Mode
Programmable Clock Source Saves Power
Runs from (crystal/64) or (crystal/1024)
Provides Automatic Hardware and Software Exit
EMI Reduction Mode Disables ALE
Two Full-Duplex Hardware Serial Ports
High Integration Controller Includes:
Power-Fail Reset
Early-Warning Power-Fail Interrupt
Programmable Watchdog Timer
14 Total Interrupt Sources with Six External
PIN CONFIGURATIONS
DALLAS
DS87C530
DS83C530
34
46
20
8
7
1
47
21
33
PLCC, WINDOWED CLCC
DALLAS
DS87C530
DS83C530
39
27
1
13
26
40
14
52
TQFP
TOP VIEW
www.maxim-ic.com
DS87C530/DS83C530
EPROM/ROM Microcontrollers with
Real-Time Clock
The High-Speed Microcontroller User’s Guide must
be used in conjunction with this data sheet. Download it
at: www.maxim-ic.com/microcontrollers.


Similar Part No. - DS87C530-QCL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87C530-QCL MAXIM-DS87C530-QCL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530-QCL DALLAS-DS87C530-QCL Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS87C530-QCL DALLAS-DS87C530-QCL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530-QCL DALLAS-DS87C530-QCL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
List of Unclassifed Man...
DS87C530-QCL ETC2-DS87C530-QCL Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - DS87C530-QCL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com