Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS83C530-QCL Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS83C530-QCL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C530-QCL Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS83C530-QCL Datasheet HTML 3Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 4Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 5Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 6Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 7Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 8Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 9Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 10Page - Maxim Integrated Products DS83C530-QCL Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
7 of 45
COMPATIBILITY
The DS87C530/DS83C530 are fully static, CMOS 8051-compatible microcontrollers designed for high
performance. While remaining familiar to 8051 users, the devices have many new features. In general,
software
written
for
existing
8051-based
systems
works
without
modification
on
the
DS87C530/DS83C530. The exception is critical timing since the high-speed microcontrollers perform its
instructions much faster than the original for any given crystal selection. The DS87C530/DS83C530 run
the standard 8051 instruction set. They are not pin compatible with other 8051s due to the timekeeping
crystal.
The DS87C530/DS83C530 provide three 16-bit timer/counters, full-duplex serial port (2), 256 bytes of
direct RAM plus 1kB of extra MOVX RAM. I/O ports have the same operation as a standard 8051
product. Timers will default to a 12 clock-per-cycle operation to keep their timing compatible with
original 8051 systems. However, timers are individually programmable to run at the new 4 clocks per
cycle if desired. The PCA is not supported.
The DS87C530/DS83C530 provide several new hardware features implemented by new Special Function
Registers. A summary of these SFRs is provided below.
PERFORMANCE OVERVIEW
The DS87C530/DS83C530 feature a high-speed, 8051-compatible core. Higher speed comes not just
from increasing the clock frequency, but also from a newer, more efficient design.
This updated core does not have the dummy memory cycles that are present in a standard 8051. A
conventional 8051 generates machine cycles using the clock frequency divided by 12. In the
DS87C530/DS83C530, the same machine cycle takes 4 clocks. Thus the fastest instruction, one machine
cycle, executes three times faster for the same crystal frequency. Note that these are identical instructions.
The majority of instructions on the DS87C530/DS83C530 will see the full 3-to-1 speed improvement.
Some instructions will get between 1.5 and 2.4 to 1 improvement. All instructions are faster than the
original 8051.
The numerical average of all opcodes gives approximately a 2.5 to 1 speed improvement. Improvement of
individual programs will depend on the actual instructions used. Speed-sensitive applications would make
the most use of instructions that are three times faster. However, the sheer number of 3 to 1 improved
opcodes makes dramatic speed improvements likely for any code. These architecture improvements
produce a peak instruction cycle in 121ns (8.25 MIPs). The Dual Data Pointer feature also allows the user
to eliminate wasted instructions when moving blocks of memory.
INSTRUCTION SET SUMMARY
All instructions perform the same functions as their 8051 counterparts. Their effect on bits, flags, and
other status functions is identical. However, the timing of each instruction is different. This applies both
in absolute and relative number of clocks.
For absolute timing of real-time events, the timing of software loops can be calculated using a table in the
High-Speed Microcontroller User’s Guide. However, counter/timers default to run at the older 12 clocks
per increment. In this way, timer-based events occur at the standard intervals with software executing at
higher speed. Timers optionally can run at 4 clocks per increment to take advantage of faster processor
operation.


Similar Part No. - DS83C530-QCL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-QCL MAXIM-DS83C530-QCL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS83C530-QCL DALLAS-DS83C530-QCL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS83C530-QCL DALLAS-DS83C530-QCL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS83C530-QCL++ DALLAS-DS83C530-QCL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS83C530-QCL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com