Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC06D181E Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELC06D181E
Description  Adoption of High -m and High Bm ferrite cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D181E Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELC06D181E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 7Page - Panasonic Semiconductor ELC06D181E Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Choke Coils
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EL34 Ð
Choke Coils
Series:
High power
Type:
06D, 08D, 10D, 16B, 18B
10E, 12E, 15E, 18E
High power inductors featuring small size and high
performance
Industrial Property: Utility model 1 (pending)
s
Features
q
Adoption of High -µ and High Bm ferrite cores
q
Wide inductor range
s
Recommended Applications
q
CTV, VTR, Audio, PC, Facsimiles
s
Explanation of Part Numbers
s
Available I-L Characteristics
10000
L (µH)
10
50
100
500 1000
5000 10000
IDC(mA)
5000
1000
500
100
50
10
5
1
08D
10D
16B 18B
06D
Japan
Singapore
Type 06D
Type 08D
Type 10D
Type 16B
Type 18B
Type 10E
Type 12E
Type 15E
Type18E
E
1
L
2
C
3
0
4
8
5
D
6
2
7
R
8
2
9
10
D
B
E
06
08
10
12
15
16
18
06
08
10
16
18
E
E
E
L
L
Product code
Style
Construction Norminal Indactance
Option
Core size
or
Terminal board
Core
Terminal
Core
Terminal board
Terminal
Core
Terminal board
Terminal
\‘¢
Eƒ^ƒCƒv‚Í
È—ª
05D
10000
L (µH)
10
50
100
500 1000
5000 10000
IDC(mA)
5000
1000
500
100
50
10
5
08D
10B
18B
1
10000
L (µH)
5000
1000
500
100
50
10
5
1
10
50
100
500 1000
5000 10000
IDC(mA)
10E
12E
15E
18E


Similar Part No. - ELC06D181E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D181E PANASONIC-ELC06D181E Datasheet
136Kb / 7P
   Choke Coils
ELC06D181E PANASONIC-ELC06D181E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D181E PANASONIC-ELC06D181E Datasheet
136Kb / 7P
   Choke Coils
ELC06D181E PANASONIC-ELC06D181E Datasheet
136Kb / 7P
   Choke Coils
ELC06D181E PANASONIC-ELC06D181E Datasheet
771Kb / 10P
   Choke Coils
More results

Similar Description - ELC06D181E

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
ON Semiconductor
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
2SA1593 ONSEMI-2SA1593 Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1708 ONSEMI-2SA1708 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1706 ONSEMI-2SA1706 Datasheet
577Kb / 6P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com