Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2SGX60 Datasheet(PDF) 7 Page - Altera Corporation

Part # EP2SGX60
Description  Package Information Datasheet for Mature Altera Devices
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2SGX60 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP2SGX60 Datasheet HTML 3Page - Altera Corporation EP2SGX60 Datasheet HTML 4Page - Altera Corporation EP2SGX60 Datasheet HTML 5Page - Altera Corporation EP2SGX60 Datasheet HTML 6Page - Altera Corporation EP2SGX60 Datasheet HTML 7Page - Altera Corporation EP2SGX60 Datasheet HTML 8Page - Altera Corporation EP2SGX60 Datasheet HTML 9Page - Altera Corporation EP2SGX60 Datasheet HTML 10Page - Altera Corporation EP2SGX60 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
7
Device and Package Cross Reference
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
Cyclone II Devices
Table 5 lists the device name, package type, and number of pins for the Cyclone II
device family.
1 The package type entries with “Option #” refer to instances where multiple package
options exist for a given package type and pin count. The option number identifies the
specific type used by the corresponding device density.
Table 5. Cyclone II Devices
Device
Package
Pins
EP2C5
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 2, Thin
256
EP2C8
TQFP, Wire Bond
144
PQFP, Wire Bond
208
FBGA, Wire Bond, Option 2, Thin
256
EP2C8A
FBGA, Wire Bond, Option 2, Thin
256
EP2C15A
FBGA, Wire Bond, Option 2, Thin
256
FBGA, Wire Bond, A:2.40
484
EP2C20
PQFP, Wire Bond
240
FBGA, Wire Bond, Option 2, Thin
256
FBGA, Wire Bond, A:2.40
484
EP2C20A
FBGA, Wire Bond, Option 2, Thin
256
FBGA, Wire Bond, A:2.40
484
EP2C35
FBGA, Wire Bond, A:2.40
484
UBGA, Wire Bond
484
FBGA, Wire Bond, A:2.40
672
EP2C50
FBGA, Wire Bond, A:2.40
484
UBGA, Wire Bond
484
FBGA, Wire Bond, A:2.40
672
EP2C70
FBGA, Wire Bond, A:2.40
672
FBGA, Wire Bond, A:2.40
896


Similar Part No. - EP2SGX60

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX60 ALTERA-EP2SGX60 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2SGX60 ALTERA-EP2SGX60 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2SGX60C ALTERA-EP2SGX60C Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2SGX60C ALTERA-EP2SGX60C Datasheet
3Mb / 314P
   Stratix II GX Device
EP2SGX60C ALTERA-EP2SGX60C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
More results

Similar Description - EP2SGX60

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1K30TC144-2N ALTERA-EP1K30TC144-2N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
   Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Agilent(Hewlett-Packard...
N5434A HP-N5434A Datasheet
895Kb / 8P
   FPGA Dynamic Probe for Altera
logo
Altera Corporation
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com