Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC06D152E Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELC06D152E
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D152E Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELC06D152E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D152E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D152E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D152E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D152E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D152E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D152E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f0.8
7.5
±0.5
14.0 max.
f12.0
±0.5
7.5
±0.1
2–
f1.20
±0.05
S
F
✽2
✽3
9.0
±0.1
2–
f1.50
±0.05
f11.5 max.
fA
9.0
±0.1
✽1
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC12D101E
100
±10
10
0.150
1.90
ELC12D121E
120
0.170
1.78
ELC12D151E
150
0.190
1.67
ELC12D181E
180
0.210
1.58
ELC12D221E
220
0.230
1.55
ELC12D271E
270
0.270
1.44
ELC12D331E
330
0.300
1.34
ELC12D391E
390
0.330
1.32
ELC12D471E
470
0.380
1.25
ELC12D561E
560
0.420
1.15
ELC12D681E
680
0.460
0.98
ELC12D821E
820
0.650
0.94
ELC12D102E
1000
0.720
0.87
ELC12D122E
1200
0.830
0.86
ELC12D152E
1500
1.270
0.64
ELC12D182E
1800
1.330
0.63
ELC12D222E
2200
1.500
0.60
ELC12D272E
2700
1.890
0.54
ELC12D332E
3300
2.370
0.48
ELC12D392E
3900
2.830
0.45
ELC12D472E
4700
3.190
0.41
ELC12D562E
5600
4.080
0.34
ELC12D682E
6800
5.740
0.29
ELC12D822E
8200
6.340
0.28
ELC12D103E
10000
7.200
0.27
Examples Type 12D
Examples Type 11P
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
The measure of
1, 2, 3 differ depending on the terminal size fA. (The recommended drawing shows the f1.05.)
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
fA
Terminal
Pin
(mm)
ELC11PR35
0.35
±20
10
0.0014
14.0
f1.05
ELC11P0R6
0.60
0.0018
13.0
ELC11P1R0
1.00
0.0023
12.0
ELC11P1R4
1.40
0.0028
11.0
ELC11P1R8
1.80
0.0033
10.0
ELC11P2R4
2.40
0.0038
9.60
ELC11P3R0
3.00
0.0044
9.20
ELC11P3R9
3.90
0.0049
8.60
ELC11P4R7
4.70
0.0055
8.20
ELC11P5R6
5.60
0.0061
7.80
ELC11P6R8
6.80
0.0087
7.40
ELC11P7R8
7.80
0.0094
7.00
f0.90
ELC11P9R1
9.10
0.0124
6.60
ELC11P100
10.0
0.0132
6.30
f0.80
ELC11P120
12.0
0.0140
6.00
Feb. 2006


Similar Part No. - ELC06D152E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D152E PANASONIC-ELC06D152E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D152E PANASONIC-ELC06D152E Datasheet
136Kb / 7P
   Choke Coils
ELC06D152E PANASONIC-ELC06D152E Datasheet
136Kb / 7P
   Choke Coils
ELC06D152E PANASONIC-ELC06D152E Datasheet
771Kb / 10P
   Choke Coils
ELC06D152E PANASONIC-ELC06D152E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC06D152E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com