Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB60R280C6 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB60R280C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB60R280C6 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB60R280C6 Datasheet HTML 1Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 2Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 3Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 4Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 5Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 6Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 7Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 8Page - Infineon Technologies AG IPB60R280C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
 ,  = = :$ & ) G   ' = D3?*?/<@7@A= ?
=Ca-'D)/'6-
*63?; /: 1 6/?/1 A3?7@A71 @
$ A
F9D"9L91 @==L

0 =N         

*63?; /: 1 6/?/1 A3?7@A71 @
*/0:3
*63?; /: 1 6/?/1 A3?7@A71 @*&  !' '  (   *&    !' -  (   *&  !' ! (   
' /?/; 3A3?
) F; 0= :
, /:B3@
+ <7A
% = A3
FO\] 6YXNS]SYX
@SX%
FbZ%
@Ka%
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF ;9K=
&
h\D=
'
'
+(,
y=)Q
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF
UaV]Ybh
&
h\D;
'
'
0,
`YUXYX
1 GD<=JA
F? L=E H=J9LMJ=
O9N=KGD<=JA
F? GFDQ9DDGO=< 9L
`YUXg
'
gc`X
  
] !
  E E     A
F 
>JGE ;9K= >GJ  K
*/0:3
*63?; /: 1 6/?/1 A3?7@A71 @*&   B::'  " !'   (   
' /?/; 3A3?
) F; 0= :
, /:B3@
+ <7A
% = A3
FO\] 6YXNS]SYX
@SX%
FbZ%
@Ka%
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF ;9K=
&
h\D=
'
'
-(3
y=)Q
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF
UaV]Ybh
&
h\D;
'
'
2*
`YUXYX
1 GD<=JA
F? L=E H=J9LMJ=
O9N=KGD<=JA
F? GFDQ9DDGO=< 9L
`YUXg
'
gc`X
  
] !
  E E     A
F 
>JGE ;9K= >GJ  K
*/0:3
*63?; /: 1 6/?/1 A3?7@A71 @*&    !'   (   
' /?/; 3A3?
) F; 0= :
, /:B3@
+ <7A
% = A3
FO\] 6YXNS]SYX
@SX%
FbZ%
@Ka%
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF ;9K=
&
h\D=
'
'
+(,
y=)Q
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF
UaV]Ybh
&
h\D;
 
1 + " N=JKA
GF <=NA
;=
GF . !E A
FA
E 9D
Zcchdf]bh
 
1 + " N=JKA
GF <=NA
;=
GF . ! ;E
, ;GGDAF?
UfYU+$
  "=NA
;= GF   E E  E E  E E GF= D9Q=J=HGPQ. ! $ 0  OA
L@  ;E , ;GHH=J9J=9L@A
;C F=KK  ^ E  >GJ<J9A
F ;GFF=;LA
GF
. ! A
KN=JLA
;9DOA
L@GML9A
JKLJ=9E ;GGDA
F?
1 GD<=JA
F?L=E H=J9LMJ=
O9N=  J=>DGO KGD<=JA
F? 9DDGO=<
'
gc`X
  
] !
J=>DGO + 1 *


Similar Part No. - IPB60R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R280C6 INFINEON-IPB60R280C6 Datasheet
2Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2010-02-09
IPB60R280C6 INFINEON-IPB60R280C6 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
logo
Inchange Semiconductor ...
IPB60R280C6 ISC-IPB60R280C6 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB60R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com