Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21363 Datasheet(PDF) 3 Page - International Rectifier

Part # IR21363
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21363 Datasheet(HTML) 3 Page - International Rectifier

  IR21363 Datasheet HTML 1Page - International Rectifier IR21363 Datasheet HTML 2Page - International Rectifier IR21363 Datasheet HTML 3Page - International Rectifier IR21363 Datasheet HTML 4Page - International Rectifier IR21363 Datasheet HTML 5Page - International Rectifier IR21363 Datasheet HTML 6Page - International Rectifier IR21363 Datasheet HTML 7Page - International Rectifier IR21363 Datasheet HTML 8Page - International Rectifier IR21363 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.irf.com
3
IR213(6,62,63,65,66,67,68)(J&S) & PbF
Recommended Operating Conditions - (Continued)
The input/output logic-timing diagram is shown in Fig. 1. For proper operation the device should be used within the
recommended conditions. All voltage parameters are absolute referenced to COM. The VS offset ratings are tested
with all supplies biased at a 15 V differential.
Symbol
Definition
Min
Max
Units
VITRIP
ITRIP input voltage
VSS
VSS + 5
VIN
Logic input voltage LIN, HIN (IR213(6,63,65,66,67,68)),
HIN (IR21362), EN
VSS
VSS + 5
V
TA
Ambient temperature
-40
125
°C
Note 2:
All input pins and the ITRIP and EN pins are internally clamped with a 5.2 V zener diode.
Static Electrical Characteristics
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3
and are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min
Typ
Max Units Test Conditions
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR213(6,63,65)
Logic “1” input voltage HIN1,2,3 IR21362
3.0
VIH
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR213(66,67,68)
2.5
Logic “1” input Voltage LIN1,2,3, HIN1,2,3
IR213(6,63,65)
Logic “0” input voltage HIN1,2,3 IR21362
VIL
Logic “0” input voltage LIN1,2,3, HIN1,2,3
IR213(66,67,68)
0.8
VEN,TH+
Enable positive going threshold
3
VEN,TH-
Enable negative going threshold
0.8
IR2136(2)(3)(6)
0.37 0.46
0.55
VIT,TH+
ITRIP positive going
threshold
IR21365(7)(8)
3.85 4.30
4.75
IR2136(2)(3)(6)
0.07
VIT,HYS
ITRIP input hysteresis
IR21365(7)(8)
.15
VRCIN, TH+
RCIN positive going threshold
8
VRCIN, HYS
RCIN input hysteresis
3
VOH
High level output voltage, VBIAS - VO
0.9
1.4
VOL
Low level output voltage, VO
0.4
0.6
Io = 20 mA
IR2136(8)
8.0
8.9
9.8
IR21362
9.6
10.4
11.2
VCCUV+
VBSUV+
VCC and VBS supply
undervoltage positive going
threshold
IR21363(5)(6)(7) 10.6 11.1
11.6
V


Similar Part No. - IR21363

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21363 IRF-IR21363 Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21363 IRF-IR21363 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21363 INFINEON-IR21363 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR21363J IRF-IR21363J Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21363JPBF IRF-IR21363JPBF Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR21363

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com