Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21366 Datasheet(PDF) 4 Page - International Rectifier

Part # IR21366
Description  3-PHASE BRIDGE DRIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21366 Datasheet(HTML) 4 Page - International Rectifier

  IR21366 Datasheet HTML 1Page - International Rectifier IR21366 Datasheet HTML 2Page - International Rectifier IR21366 Datasheet HTML 3Page - International Rectifier IR21366 Datasheet HTML 4Page - International Rectifier IR21366 Datasheet HTML 5Page - International Rectifier IR21366 Datasheet HTML 6Page - International Rectifier IR21366 Datasheet HTML 7Page - International Rectifier IR21366 Datasheet HTML 8Page - International Rectifier IR21366 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.irf.com
4
IR213(6,62,63,65,66,67,68)(J&S) & PbF
Static Electrical Characteristics - (Continued)
VBIAS (VCC,VBS1,2,3) = 15 V unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to VSS and are
applicable to all six channels (HIN1,2,3 and LIN1,2,3). The VO and IO parameters are referenced to COM and VS1,2,3 and
are applicable to the respective output leads: HO1,2,3 and LO1,2,3.
Symbol
Definition
Min Typ Max Units Test Conditions
IR2136(8)
7.4
8.2
9.0
IR21362
8.6
9.4
10.2
VCCUV-
VBSUV-
VCC and VBS supply
undervoltage negative going
threshold
IR2136(3,5,6,7) 10.4 10.9 11.4
IR2136
0.3
0.7
IR21362
0.5
1.0
VCCUVH
VBSUVH
VCC and VBS supply
undervoltage lockout
hysteresis
IR2136(3,5)
0.2
V
ILK
Offset supply leakage current
50
VB1,2,3 = VS1,2,3 =
600 V
IQBS
Quiescent VBS supply current
70
120
µA
IQCC
Quiescent VCC supply current
1.6
2.3
mA
VIN = 0 V or 5 V
VIN,CLAMP
Input clamp voltage (HIN, LIN, ITRIP and EN)
4.9
5.2
5.5
V
IIN =100 µA
IR2136(2,3,5)
200
300
ILIN+
Input bias current (LOUT = HI)
IR2136(6,7,8)
30
100
VLIN = 5 V
IR2136(2,3,5)
100
220
ILIN-
Input bias current (LOUT = LO)
IR2136(6,7,8)
0
1
VLIN = 0 V
IR2136(3,5)
200
300
IR21362
30
100
IHIN+
Input bias current (HOUT = HI)
IR2136(6,7,8)
30
100
VHIN = 5 V
IR2136(3,5)
100
220
IHIN-
Input bias current (HOUT = LO)
IR2136(2,6,7,8) —
0
1
VHIN = 0 V
IITRIP+
“High” ITRIP input bias current
30
100
VITRIP = 5 V
IITRIP-
“Low” ITRIP input bias current
0
1
VITRIP = 0 V
IEN+
“High” ENABLE input bias current
30
100
VENABLE = 5 V
IEN-
“Low” ENABLE input bias current
0
1
VENABLE =0 V
IRCIN
RCIN input bias current
0
1
µA
Vrcin= 0 V or
15 V
IO+
Output high short circuit pulsed current
120
200
Vo =0 V,
PW ≤10 µs
IO-
Output low short circuit pulsed current
250
350
mA
Vo =15 V,
PW ≤10 µs
Ron_RCIN
RCIN low on resistance
50
100
Ron_FAULT
FAULT low on resistance
50
100


Similar Part No. - IR21366

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21366 IRF-IR21366 Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR21366 INFINEON-IR21366 Datasheet
917Kb / 36P
   600 V three-phase gate driver IC with OCP, Enable, and Fault
logo
International Rectifier
IR21366J IRF-IR21366J Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21366JPBF IRF-IR21366JPBF Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
IR21366PBF IRF-IR21366PBF Datasheet
390Kb / 36P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IR21366

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com