Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4393CN Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL4393CN
Description  Triple 80 MHz Video Amplifier w/Disable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4393CN Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL4393CN Datasheet HTML 4Page - Elantec Semiconductor EL4393CN Datasheet HTML 5Page - Elantec Semiconductor EL4393CN Datasheet HTML 6Page - Elantec Semiconductor EL4393CN Datasheet HTML 7Page - Elantec Semiconductor EL4393CN Datasheet HTML 8Page - Elantec Semiconductor EL4393CN Datasheet HTML 9Page - Elantec Semiconductor EL4393CN Datasheet HTML 10Page - Elantec Semiconductor EL4393CN Datasheet HTML 11Page - Elantec Semiconductor EL4393CN Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EL4393C
Triple 80 MHz Video Amplifier wDisable
EL4393C Macromodel
Revision A July 1993
Enhancements include PSRR CMRR and Slew Rate Limiting
Connections
a
input
l
b
Input
ll
a
Vsupply
lll
b
Vsupply
llll
Putput
lllll
subckt EL4393EL
32746
Input Stage
e1 100301 0
vis 10 9 0V
h2 9 12 vxx 10
r121150
l1111229nH
iinp 3 0 02
mA
iinm2010
mA
Slew Rate Limiting
h1 13 0 vis 600
r2 13 14 1K
d1 14 0 dclamp
d2 0 14 dclamp
High Frequency Pole
e2 30 0 14 0 000166666666
l5 30 17 12
mH
c5 1701pF
r5 17 0 500
Transimpedance Stage
g10181701 0
rol 18 0 250k
cdp 18 0 22 pF
Output Stage
q141819qp
q271820qn
q371921qn
q442022qp
r7 21 6 4
r8 22 6 4
ios1 7 19 25 mA
ios2 20 4 25 mA
Error Terms
ivos0232mA
vxx 23 0 0V
e4 240301 0
e5 250701 0
e6 260401 0
r9 24 23 1K
r10 25 23 1K
r11 26 33 1K
Models
model qn npn (ise5eb15 bfe100 tfe02nS)
model qp pnp (ise5eb15 bfe100 tfe02nS)
model dclamp d (ise1eb30 ibve0266 bve15 ne4)
ends
9


Similar Part No. - EL4393CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4393CN INTERSIL-EL4393CN Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
More results

Similar Description - EL4393CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
   250 MHz Triple Current Feedback Amp w/Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com