Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR07W-P1C54-CD000 Datasheet(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # CR07W-P1C54-CD000
Description  Uniform high quality illumination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

CR07W-P1C54-CD000 Datasheet(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button CR07W-P1C54-CD000 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. CR07W-P1C54-CD000 Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
COB LED
CR07W-P1C54-CD000
REV:A/0
●Label Explanation
C R 07 W -P 1 C 54 -C D 0 00
L C 1111 0 01
PART NO: CR07W-P1C54-CD000
LOT NO:
L
C
11
11
003
A---L: Local
B--C: COB
C--- Year
D--- Month
E--- For series number
BIN NO: Bin Code
●Caution
(1).Handling note: Do not touch LED
’s surface.
DRAWING NO. :DS-81-11-XXXX
DATE : 2011-09-06
Page : 8
A
B
C
D
E


Similar Part No. - CR07W-P1C54-CD000

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
CR07 YANTEL-CR07 Datasheet
1Mb / 8P
   SMT Crossover
logo
Littelfuse
CR0720SA LITTELFUSE-CR0720SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR0720SA ETC1-CR0720SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR0720SB LITTELFUSE-CR0720SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR0720SB ETC1-CR0720SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results

Similar Description - CR07W-P1C54-CD000

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CS30C-P1C28-CC000 PARALIGHT-CS30C-P1C28-CC000 Datasheet
555Kb / 12P
   Uniform high quality illumination
CS40C-P1C28-CB000 PARALIGHT-CS40C-P1C28-CB000 Datasheet
539Kb / 12P
   Uniform high quality illumination
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
800288 ETC2-800288 Datasheet
77Kb / 1P
   Consistent High Quality
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
   HIGH QUALITY STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com