Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4393 Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL4393
Description  Triple 80 MHz Video Amplifier w/Disable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4393 Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL4393 Datasheet HTML 2Page - Elantec Semiconductor EL4393 Datasheet HTML 3Page - Elantec Semiconductor EL4393 Datasheet HTML 4Page - Elantec Semiconductor EL4393 Datasheet HTML 5Page - Elantec Semiconductor EL4393 Datasheet HTML 6Page - Elantec Semiconductor EL4393 Datasheet HTML 7Page - Elantec Semiconductor EL4393 Datasheet HTML 8Page - Elantec Semiconductor EL4393 Datasheet HTML 9Page - Elantec Semiconductor EL4393 Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EL4393C
Triple 80 MHz Video Amplifier wDisable
Typical Performance Curves
Contd
vs Supply Voltage
Supply Current
16-Pin PDIP
vs Ambient Temperature
Maximum Power Dissipation
16-Pin SOL
vs Ambient Temperature
Maximum Power Dissipation
4393 – 4
Small Signal Pulse Response
4393 – 5
Large Signal Pulse Response
4393 – 6
EnableDisable
with aVE Voltage Output
4393 – 7
EnableDisable
with bVE Voltage Output
4393 – 8
6


Similar Part No. - EL4393

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
EL4393CM INTERSIL-EL4393CM Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
EL4393CN INTERSIL-EL4393CN Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
More results

Similar Description - EL4393

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
   250 MHz Triple Current Feedback Amp w/Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com