Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP501BL004W Datasheet(PDF) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # EP501BL004W
Description  Long operating life.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

EP501BL004W Datasheet(HTML) 11 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button EP501BL004W Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. EP501BL004W Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Enhance Power LED
EP501BL004W
REV:A/3
●Reliability Test
Test Item
number
Test Condition
Stress duration
result
Reflow
100pcs
Tsol=260℃,10sec
3 times
No Failure
Temperature
Cycle
20pcs
H:+100
±5℃
15mins
L:-40
±5℃
15mins
300 Cycles
No Failure
High
Temperature
High Humidity
Operation
20pcs
Ta=85
±5
℃℃
RH= 90~95%
IF=350mA
500 hours
No Failure
High
Temperature
High Humidity
Storage
20pcs
Ta:65
±5
℃℃
RH:90~95%RH
1000hours
No Failure
Room
Temperature
Operation
20pcs
Ta= 25
±5℃
IF =350mA
1000hours
No Failure
Low
Temperature
Operation
20pcs
Ta= -40
±5℃
IF=350mA
1000hours
No Failure
High
Temperature
Operation
20pcs
Ta= 110
±5℃
IF=350mA
1000hours
No Failure
Salt Spray
20pcs
Ta=35℃
48 hours
No Failure
Temperature for using with aluminum board, in a good thermal-exchange surrounding.
Failure Criteria:
1. LED are open or shorted,
2. Luminous flux attenuate difference(1000hours)>30%,
3. Forward voltage difference(1000hours) >20%.
DRAWING NO. : DS-50-10-XXX
DATE : 2012-7-3
Page : 11
Release
by
PARA LIGHT DCC


Similar Part No. - EP501BL004W

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EP501 ACTEL-EP501 Datasheet
118Kb / 3P
   EP501 NAND Flash Controller
logo
PARA LIGHT ELECTRONICS ...
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
EP501IR1L015W PARALIGHT-EP501IR1L015W Datasheet
149Kb / 12P
   Long operating life.
EP501RL003W PARALIGHT-EP501RL003W Datasheet
236Kb / 12P
   Long operating life.
More results

Similar Description - EP501BL004W

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
EP501IR1L015W PARALIGHT-EP501IR1L015W Datasheet
149Kb / 12P
   Long operating life.
EP501W1L053WS PARALIGHT-EP501W1L053WS Datasheet
186Kb / 12P
   Long operating life.
EP501RL003W PARALIGHT-EP501RL003W Datasheet
236Kb / 12P
   Long operating life.
EP501W1L001WS PARALIGHT-EP501W1L001WS Datasheet
196Kb / 13P
   Long operating life.
EP501W1L056WHR2 PARALIGHT-EP501W1L056WHR2 Datasheet
195Kb / 13P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com