Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPSA10-15 Datasheet(PDF) 2 Page - TDK Electronics

Part # KPSA10-15
Description  4 to 15W AC-DC Board Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KPSA10-15 Datasheet(HTML) 2 Page - TDK Electronics

  KPSA10-15 Datasheet HTML 1Page - TDK Electronics KPSA10-15 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A3.1: Apr 2014
KPSA Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/kps-series.htm
KPSA10 Outline Drawing
Output
Maximum
Peak Load
Output
Model
Voltage (V)
Output (A)
(A)(3)
Pwr (W)
KPSA5-3R3
3.3
1.25
-
4.1
KPSA5-5
5
1.0
-
5.0
KPSA5-12
12
0.42
-
5.0
KPSA5-15
15
0.33
-
5.0
KPSA5-24
24
0.23
-
5.5
KPSA10-3R3
3.3
2.5
3.8
8.3
KPSA10-5
5
2.0
2.8
10.0
KPSA10-12
12
0.84
1.2
10.1
KPSA10-15
15
0.67
1.0
10.1
KPSA10-24
24
0.42
0.65
10.1
KPSA15-3R3
3.3
3.0
4.5
9.9
KPSA15-5
5
3.0
4.5
15.0
KPSA15-12
12
1.25
1.8
15.0
KPSA15-15
15
1.0
1.5
15.0
KPSA15-24
24
0.63
0.95
15.1
Notes
(3) Average not to exceed max power, <30s, 10% duty cycle
Model Selector (other voltages available)
ZPSA
20W to 60W
KM
15 to 40W pcb mount medical
ZWS
5 to 240W, single output
Other Industrial Products
KPSA15 Outline Drawing
KPSA5 Outline Drawing
2.40 [60.96]
2.13 [54.00]
0.14 [3.48]
ACL
ACN
VR
+Vo
-Vo
0.07 [1.80]
0.04 [1.00]
2.13 [54.00]
0.07 [1.80]
0.04 [1.00]
+Vo
-Vo
ACL
ACN
VR
0.16 [4.00]
2.17 [55.00]
1.85 [47.00]
1.85 [47.00]
2.44 [62.00]
0.07 [1.80]
0.04 [1.00]
2.44 [62.00]
2.75 [69.90]
0.16 [4.10]
ACL
ACN
VR
+Vo
-Vo


Similar Part No. - KPSA10-15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPSA10-15 TDK-KPSA10-15 Datasheet
182Kb / 2P
   4-15W AC-DC Board Mount Power Supplies
More results

Similar Description - KPSA10-15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPSA TDK-KPSA Datasheet
182Kb / 2P
   4-15W AC-DC Board Mount Power Supplies
KPS TDK-KPS Datasheet
231Kb / 2P
   5 to 15W AC-DC Board Mount Power Supplies
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS Datasheet
246Kb / 2P
   Board Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15CM MPD-MPM-15CM Datasheet
241Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15 MPD-MPM-15 Datasheet
189Kb / 2P
   Compact, 15W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_16 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
   AC/DC Wall Mount Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com