Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8863RLLI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KSZ8863RLLI
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8863RLLI Datasheet(HTML) 1 Page - Micrel Semiconductor

  KSZ8863RLLI Datasheet HTML 1Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 2Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 3Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 4Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 5Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 6Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 7Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 8Page - Micrel Semiconductor KSZ8863RLLI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
KSZ8863MLL/FLL/RLL
Integrated 3-Port 10/100 Managed
Switch with PHYs
Revision 1.5
LinkMD is a registered trademark of Micrel, Inc.
Product names used in this datasheet are for identification purposes only and may be trademarks of their respective companies.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 27, 2014
Revision 1.5
General Description
The KSZ8863MLL/FLL/RLL are highly-integrated 3-port
switch on a chip ICs in industry’s smallest footprint. They
are designed to enable a new generation of low port
count, cost-sensitive and power efficient 10/100Mbps
switch systems. Low power consumption, advanced
power management, and sophisticated QoS features
(e.g., IPv6 priority classification support) make these
devices ideal for IPTV, IP-STB, VoIP, automotive and
industrial applications.
The KSZ8863 family is designed to support the GREEN
requirement in today’s switch systems. Advanced power
management schemes include software power down,
per port power down and the energy detect mode that
shuts downs the transceiver when a port is idle.
KSZ8863MLL/FLL/RLL also offer a by-pass mode, which
enables system-level power saving. In this mode, the
processor connected to the switch through the MII
interface can be shut down without impacting the normal
switch operation.
The configurations provided by the KSZ8863 family
enables the flexibility to meet requirements of different
applications:
• KSZ8863MLL: Two 10/100BASE-T/TX transceivers
and one MII interface.
• KSZ8863RLL: Two 10/100BASE-T/TX transceivers
and one RMII interface.
• KSZ8863FLL: One 100BASE-FX, one 10/100BASE-
T/TX transceivers and one MII interface.
The device is available in RoHS-compliant 48-pin LQFP
package. Industrial-grade and Automotive-grade are
also available.
The datasheets and supporting documents can be found
at Micrel’s web site at: www.micrel.com.
__________________________________________________________________________________________________________
Functional Diagram


Similar Part No. - KSZ8863RLLI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8863RLLI MICROCHIP-KSZ8863RLLI Datasheet
2Mb / 92P
   Integrated 3-Port 10/100 Managed Switch with PHYs
02/28/20
KSZ8863RLLI-TR MICROCHIP-KSZ8863RLLI-TR Datasheet
2Mb / 92P
   Integrated 3-Port 10/100 Managed Switch with PHYs
02/28/20
KSZ8863RLLITR MICROCHIP-KSZ8863RLLITR Datasheet
2Mb / 92P
   Integrated 3-Port 10/100 Managed Switch with PHYs
02/28/20
More results

Similar Description - KSZ8863RLLI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com