Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC18B271L Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELC18B271L
Description  Adoption of High -m and High Bm ferrite cores
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC18B271L Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELC18B271L Datasheet HTML 1Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 2Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 3Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 4Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 5Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 6Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 7Page - Panasonic Semiconductor ELC18B271L Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Choke Coils
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EL36 Ð
∗Allowable DC Current:Smaller current value either when the inductance of -10 %max. changed, or when the temperatuer of 45k max. rised.
Type
08D
ELC08D2R2E
ELC08D2R7E
ELC08D3R3E
ELC08D3R9E
ELC08D4R7E
ELC08D5R6E
ELC08D6R8E
ELC08D8R2E
ELC08D100E
ELC08D120E
ELC08D150E
ELC08D180E
ELC08D220E
ELC08D270E
ELC08D330E
ELC08D390E
ELC08D470E
ELC08D560E
ELC08D680E
ELC08D820E
ELC08D101E
ELC08D121E
ELC08D151E
ELC08D181E
ELC08D221E
ELC08D271E
ELC08D331E
ELC08D391E
ELC08D471E
ELC08D561E
ELC08D681E
ELC08D821E
ELC08D102E
ELC08D122E
ELC08D152E
ELC08D182E
ELC08D222E
ELC08D272E
ELC08D332E
ELC08D392E
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
0.010
0.011
0.013
0.014
0.015
0.016
0.017
0.019
0.022
0.025
0.028
0.031
0.034
0.039
0.045
0.052
0.067
0.073
0.086
0.11
0.12
0.17
0.20
0.22
0.29
0.36
0.42
0.49
0.61
0.69
0.93
1.1
1.3
1.6
1.9
2.5
2.8
3.7
4.4
4.9
7.2
6.3
5.7
5.0
4.3
4.1
3.8
3.6
2.8
2.7
2.4
2.2
2.0
1.8
1.4
1.3
1.2
1.1
1.0
0.90
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.36
0.34
0.32
0.30
0.29
0.28
0.24
0.21
0.20
0.19
0.16
0.14
[at 20ûC]
∗DCR.
(Ω±30%)
(Ω±20%)
∗∗[at 20ûC]
IDC.
(Αmax.)
Test Freq.
(kHz)
10
Tolerance
(%)
±20
±10
Inductance
(µH)
Part No.
s
Examples Type 08D


Similar Part No. - ELC18B271L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC18B271L PANASONIC-ELC18B271L Datasheet
259Kb / 8P
   Choke Coils
More results

Similar Description - ELC18B271L

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
2SC4548 SKTECHNOLGY-2SC4548 Datasheet
1Mb / 2P
   High Breakdown Voltage Adoption of MBIT Process
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
PHOENIX CONTACT
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
   HC-M-BM
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
ON Semiconductor
2SA1705 ONSEMI-2SA1705 Datasheet
580Kb / 6P
   Bipolar Transistor Adoption of FBET process
September, 2013
2SA1593 ONSEMI-2SA1593 Datasheet
385Kb / 9P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1708 ONSEMI-2SA1708 Datasheet
632Kb / 8P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
2SA1706 ONSEMI-2SA1706 Datasheet
577Kb / 6P
   Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com