Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4501C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4501C
Description  Video Front End
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4501C Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4501C Datasheet HTML 1Page - Elantec Semiconductor EL4501C Datasheet HTML 2Page - Elantec Semiconductor EL4501C Datasheet HTML 3Page - Elantec Semiconductor EL4501C Datasheet HTML 4Page - Elantec Semiconductor EL4501C Datasheet HTML 5Page - Elantec Semiconductor EL4501C Datasheet HTML 6Page - Elantec Semiconductor EL4501C Datasheet HTML 7Page - Elantec Semiconductor EL4501C Datasheet HTML 8Page - Elantec Semiconductor EL4501C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
EL4501C - Preliminary
Video Front End
IB
Input Bias Current (DS_REF)
DS_REF = 0V & 5V
-100
1
100
nA
Vos
Input Offset Voltage
-20
+20
mV
VHYS
Hysteresis
10
15
mV
tPD
Propagation Delay
50% to 50%
18
28
ns
tR/F
Rise/Fall Time
10% to 90%, RL = 150k, CL = 5pF
1.2
1.8
ns
Sync Separator Section
VOH
Output High Voltage
IOH = -1.6mA
4.6
V
VOL
Output Low Voltage
IOL = 1.6mA
0.4
V
VTHSRH
Slicing Level
45
50
55
%
TCD
Composite Sync Delay
With Filter
TBD
TBD
TCD
Composite Sync Delay
Without Filter
TBD
TBD
VSR
Sync In Reference Level
1.5
V
RINSR
Sync Reference Input Impedance
90
k
VRANGE
Input Dynamic Range
0.5
2.0
Vp-p
tCD
Comp Sync Delay
From 50% point of leading edge of sync
50
75
100
ns
tBD
Back Porch Delay
From 50% point of trailing edge of sync
340
430
520
ns
tBW
Back Porch Width
2.7
3.0
3.3
µs
tHD
Horiz Sync Delay
From 50% point of leading edge of sync
350
450
550
ns
tHW
Horiz Sync Width
3.7
4.7
5.7
µs
tVW
Vert Sync Width
Serrations
185
195
205
µs
tVDD
Vert Sync Default Delay
No serrations
51
63.5
76
µs
fH
Horiz Scan Rate
RFREQ = xx to yy kΩ
15
130
kHz
VLOS
LOS Detect Threshold
Compared to Sync Tip Amplitude
72
mV
tJIT
Output Jitter
All sync separator outputs
5
ns
Reference Section
VREF
Reference Output Voltage (REF_OUT)
IOUT = +2mA to -0.5mA
1.2
1.3
1.4
V
Electrical Characteristics
VS = +5V, GND = 0V, TA = 25°C, Input Video = 1VP-P unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit


Similar Part No. - EL4501C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
EL4501 INTERSIL-EL4501 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501IU INTERSIL-EL4501IU Datasheet
477Kb / 19P
   Video Front End
EL4501IU INTERSIL-EL4501IU Datasheet
365Kb / 19P
   Video Front End
More results

Similar Description - EL4501C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
   VIDEO FRONT-END MODULES
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
   205/170/140 MSPS Video Analog Front End
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
   205/170/140 MSPS Video Analog Front End
logo
Elantec Semiconductor
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com