Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75813T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 75813T
Description  1/3, 1/4 Duty General-Purpose LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

75813T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  75813T Datasheet HTML 1Page - Sanyo Semicon Device 75813T Datasheet HTML 2Page - Sanyo Semicon Device 75813T Datasheet HTML 3Page - Sanyo Semicon Device 75813T Datasheet HTML 4Page - Sanyo Semicon Device 75813T Datasheet HTML 5Page - Sanyo Semicon Device 75813T Datasheet HTML 6Page - Sanyo Semicon Device 75813T Datasheet HTML 7Page - Sanyo Semicon Device 75813T Datasheet HTML 8Page - Sanyo Semicon Device 75813T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
• Serial data control of frame frequency for common and
segment output waveforms.
• High generality, since display data is displayed directly
without decoder intervention.
• Independent VLCD for the LCD driver block (VLCD can
be set to any voltage in the range 2.7 to 6.0 volts,
regardless of the logic block power-supply voltage.)
• The INH pin can force the display to the off state.
• RC oscillator circuit
Package Dimensions
unit: mm
3151A-QFP100E
unit: mm
3274-TQFP100 (14
×14)
No. 7159--2/26
LC75813E, 75813T
20.0
23.2
0.15
0.3
0.65
(0.58)
1
30
80
51
31
50
100
81
[LC75813E]
SANYO: QFP100E
100
1
25
26
50
51
75
76
14.0
(1.0)
0.125
16.0
0.2
0.5
[LC75813T]
SANYO: TQFP100
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD
2.7
6.0
Input voltage
VLCD1
VLCD1
2/3 VLCD
VLCD
V
VLCD2
VLCD2
1/3 VLCD
VLCD
Input high level voltage
VIH
CE, CL, DI, INH
0.8 VDD
6.0
V
Input low level voltage
VIL
CE, CL, DI, INH
0
0.2 VDD
V
Recommended external resistance
ROSC
OSC
39
k
Recommended external capacitance
COSC
OSC
1000
pF
Guaranteed oscillation range
fOSC
OSC
19
38
76
kHz
Data setup time
tds
CL, DI: Figure 2
160
ns
Data hold time
tdh
CL, DI: Figure 2
160
ns
CE wait time
tcp
CE, CL: Figure 2
160
ns
CE setup time
tcs
CE, CL: Figure 2
160
ns
CE hold time
tch
CE, CL: Figure 2
160
ns
High level clock pulse width
tøH
CL: Figure 2
160
ns
Low level clock pulse width
tøL
CL: Figure 2
160
ns
Rise time
tr
CE, CL, DI: Figure 2
160
ns
Fall time
tf
CE, CL, DI: Figure 2
160
ns
INH switching time
tc
INH, CE: Figure 3
10
µs
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V


Similar Part No. - 75813T

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
758-34-9 WINCHESTER-758-34-9 Datasheet
35Kb / 1P
   SLEEVE, BAYONET, BNC
logo
Vitesse Semiconductor C...
758-36-101 VITESSE-758-36-101 Datasheet
74Kb / 1P
   CAP ASSY, BNC ,M
logo
Winchester Electronics ...
758-36-101 WINCHESTER-758-36-101 Datasheet
74Kb / 1P
   CAP ASSY, BNC ,M
logo
Vitesse Semiconductor C...
758-38-9 VITESSE-758-38-9 Datasheet
62Kb / 1P
   ADAPTER F-F BULKHEAD, HERM, SEALED , BNC
758-42-9 VITESSE-758-42-9 Datasheet
45Kb / 1P
   BNC CAP & CORD ASSY
More results

Similar Description - 75813T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
   1/3, 1/4 Duty General-Purpose LCD Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16527 PTC-PT16527 Datasheet
733Kb / 5P
   1/3, 1/4 Duty General Purpose LCD Driver IC
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
   1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
logo
Silan Microelectronics ...
SC75823 SILAN-SC75823 Datasheet
547Kb / 16P
   1/3 DUTY GENERAL-PURPOSE LCD DRIVER
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com